Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJL2006 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # GBJL2006
Description  20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJL2006 Datasheet(HTML) 1 Page - Micro Commercial Components

  GBJL2006 Datasheet HTML 1Page - Micro Commercial Components GBJL2006 Datasheet HTML 2Page - Micro Commercial Components GBJL2006 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GBJL20005
THRU
GBJL2010
20 Amp
Glass Passivated
Bridge Rectifier
50 to 1000 Volts
Features
Maximum Ratings
Operating Temperature: -55
°C to +150°C
Storage Temperature: -55
°C to +150°C
MCC
Catalog
Number
Device
Marking
Maximum
Reccurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
GBJL20005
50V
35V
50V
GBJL2001
100V
70V
100V
GBJL2002
200V
140V
200V
GBJL2004
400V
280V
400V
GBJL2006
600V
420V
600V
GBJL2008
800V
560V
800V
GBJL2010
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
20 A
Tc = 100
°C
Peak Forward Surge
Current
IFSM
240A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.05V
TJ = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
10 µA
500uA
TJ = 25
°C
TJ = 125
°C
Typical Junction
Capacitance
CJ
60 pF
Measured at
1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300
µsec, Duty Cycle 1%
GBJL
Typical thermal
resistance
ROJC
0.8
/W
°C
IFM = 10.0 A
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Mounting torque: 5in-lbs.
+
~
~
-
A
F
L
M
N
C
O
O
P
B
D
J
K
E
G
R
H
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
1.067
1.091
27.10
27.70
B
.551
.575
14.00
14.60
C
.570
.610
14.50
15.50
D
.071 typ
1.80 typ
E
.339
.354
8.60
9.00
G
.120
.134
3.00
3.40
J
.098
.114
2.50
2.90
K
.012
.028
0.30
0.70
N
.390
.400
9.80
10.20
P
.079
.094
2.00
2.40
H
.110
.126
2.80
3.20
F
.071
.087
1.80
2.20
R
.150
.157
3.60
4.00
~
~
L
.098
.114
2.50
2.90
M
.035
.043
0.90
1.10
O
.290
.300
7.30
7.70
Revision:
B
20
13/01/01
TM
Micro Commercial Components
GBJL20005
GBJL2001
GBJL2002
GBJL2004
GBJL2006
GBJL2008
GBJL2010
www.mccsemi.com
1 of 3
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Rating to 1000V PRV
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
UL Recognized File # E165989
Ideal for printed circuit board
Low forward voltage drop, high current capability.
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - GBJL2006

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GBJL20J GOOD-ARK-GBJL20J Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
GBJL20JA GOOD-ARK-GBJL20JA Datasheet
194Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
GBJL20JA GOOD-ARK-GBJL20JA_15 Datasheet
194Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 20.0 Amperes
GBJL20J GOOD-ARK-GBJL20J_15 Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier Reverse Voltage - 600V to 1000V Forward Current - 20.0 Amperes
GBJL20K GOOD-ARK-GBJL20K Datasheet
195Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
More results

Similar Description - GBJL2006

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ20005 MCC-GBJ20005_11 Datasheet
362Kb / 3P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005 Datasheet
88Kb / 2P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA20005 MCC-GBJA20005 Datasheet
327Kb / 3P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_13 Datasheet
375Kb / 3P
   20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
UD3KB05 MCC-UD3KB05_17 Datasheet
280Kb / 3P
   3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com