Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJL3508 Datasheet(PDF) 3 Page - Micro Commercial Components

Part # GBJL3508
Description  35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

GBJL3508 Datasheet(HTML) 3 Page - Micro Commercial Components

  GBJL3508 Datasheet HTML 1Page - Micro Commercial Components GBJL3508 Datasheet HTML 2Page - Micro Commercial Components GBJL3508 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MCC
Revision: B
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
3 of 3
***IMPORTANT NOTICE***
Micro Commercial Components Corp. reserves the right to make changes without further notice to any product herein to
make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components
Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it
convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all
risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are
represented on our website, harmless against all damages.
***LIFE SUPPORT***
MCC's products are not authorized for use as critical components in life support devices or systems without the express written
approval of Micro Commercial Components Corporation.
***CUSTOMER AWARENESS***
Counterfeiting of semiconductor parts is a growing problem in the industry. Micro Commercial Components (MCC) is taking
strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. MCC strongly encourages
customers to purchase MCC parts either directly from MCC or from Authorized MCC Distributors who are listed by country on
our web page cited
below. Products customers buy either from MCC directly or from Authorized MCC Distributors are genuine
parts, have full traceability, meet MCC's quality standards for handling and storage. MCC will not provide any warranty
coverage or other assistance for parts bought from Unauthorized Sources. MCC is committed to combat this global
problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized
distributors.
Device
Packing
Part Number-
BP
Bulk: 2.2K/Ctn
Ordering Information :
Note : Adding "-HF" suffix for halogen free, eg. Part Number-BP-HF


Similar Part No. - GBJL3508

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
GBJL3508 YANGJIE-GBJL3508 Datasheet
345Kb / 4P
   Low VF Bridge Rectifiers
More results

Similar Description - GBJL3508

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ35005 MCC-GBJ35005 Datasheet
76Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_11 Datasheet
236Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_08 Datasheet
107Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ35005 MCC-GBJ35005_17 Datasheet
238Kb / 3P
   35 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBPC35005W MCC-GBPC35005W Datasheet
292Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBPC35005 MCC-GBPC35005 Datasheet
417Kb / 3P
   35 Amp Glass Phase Bridge Rectifier 50 to 1000 Volts Passivated Single
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
   50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
   15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
   8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
   25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com