Electronic Components Datasheet Search |
|
ADS1286UA Datasheet(PDF) 3 Page - Burr-Brown (TI) |
|
|
ADS1286UA Datasheet(HTML) 3 Page - Burr-Brown (TI) |
3 / 18 page 3 ® ADS1286 ELECTROSTATIC DISCHARGE SENSITIVITY Electrostatic discharge can cause damage ranging from per- formance degradation to complete device failure. Burr- Brown Corporation recommends that all integrated circuits be handled and stored using appropriate ESD protection methods. ESD damage can range from subtle performance degrada- tion to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet published specifications. ABSOLUTE MAXIMUM RATINGS(1) +VCC ..................................................................................................... +6V Analog Input ....................................................... –0.3V to (+VCC + 300mV) Logic Input ......................................................... –0.3V to (+VCC + 300mV) Case Temperature ......................................................................... +100 °C Junction Temperature .................................................................... +150 °C Storage Temperature ..................................................................... +125 °C External Reference Voltage .............................................................. +5.5V NOTE: (1) Stresses above these ratings may permanently damage the device. PIN CONFIGURATION 1 2 3 4 8 7 6 5 +V CC DCLOCK D OUT CS/SHDN V REF +In –In GND ADS1286 8-Pin Mini PDIP 8-Lead SOIC PIN ASSIGNMENTS PIN NAME DESCRIPTION 1VREF Reference Input. 2 +In Non Inverting Input. 3 –In Inverting Input. Connect to ground or remote ground sense point. 4 GND Ground. 5 CS/SHDN Chip Select when low, Shutdown Mode when high. 6DOUT The serial output data word is comprised of 12 bits of data. In operation the data is valid on the falling edge of DCLOCK. The second clock pulse after the falling edge of CS enables the serial output. After one null bit the data is valid for the next 12 edges. 7 DCLOCK Data Clock synchronizes the serial data transfer and determines conversion speed. 8+VCC Power Supply. PACKAGE INTEGRAL TEMPERATURE DRAWING PRODUCT LINEARITY RANGE PACKAGE NUMBER(1) ADS1286P ±20°C to +70°C Plastic DIP 006 ADS1286PK ±20°C to +70°C Plastic DIP 006 ADS1286PL ±10°C to +70°C Plastic DIP 006 ADS1286U ±20°C to +70°C SOIC 182 ADS1286UK ±20°C to +70°C SOIC 182 ADS1286UL ±10°C to +70°C SOIC 182 ADS1286PA ±2 –40 °C to +85°C Plastic DIP 006 ADS1286PB ±2 –40 °C to +85°C Plastic DIP 006 ADS1286PC ±1 –40 °C to +85°C Plastic DIP 006 ADS1286UA ±2 –40 °C to +85°C SOIC 182 ADS1286UB ±2 –40 °C to +85°C SOIC 182 ADS1286UC ±1 –40 °C to +85°C SOIC 182 PACKAGE/ORDERING INFORMATION NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. |
Similar Part No. - ADS1286UA |
|
Similar Description - ADS1286UA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |