Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0302CS-3N8XJL Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # 0302CS-3N8XJL
Description  20% smaller than our 0402CS inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

0302CS-3N8XJL Datasheet(HTML) 1 Page - Coilcraft lnc.

  0302CS-3N8XJL Datasheet HTML 1Page - Coilcraft lnc. 0302CS-3N8XJL Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SRF
DCR
Inductance2 Percent
900 MHz
1.7 GHz
2.4 GHz
typ4
max5
Irms6
Part number1
(nH)
tolerance
L typ
Q typ3
L typ
Q typ3
L typ
Q typ3 (GHz) (Ohms) (mA)
0302CS-N67XKL_
0.67
10
0.66
42
0.66
56
0.67
70
>26
0.021
1600
0302CS-1N7XJL_
1.7
5
1.7
57
1.7
78
1.7
95
16.14
0.038
1140
0302CS-1N9XJL_
1.9
5
1.9
42
1.9
65
1.9
83
16.06
0.065
910
0302CS-2N1XJL_
2.1
5
2.1
38
2.1
57
2.1
72
15.94
0.082
830
0302CS-3N0XJL_
3.0
5
3.0
56
3.0
92
3.0
131
15.10
0.060
950
0302CS-3N3XJL_
3.3
5
3.3
56
3.3
88
3.3
129
11.50
0.060
950
0302CS-3N5XJL_
3.5
5
3.5
60
3.5
84
3.5
110
11.53
0.070
870
0302CS-3N8XJL_
3.8
5
3.8
60
3.8
89
7.8
105
10.67
0.090
830
0302CS-4N0XJL_
4.0
5
4.0
52
4.0
80
4.1
98
11.21
0.100
760
0302CS-4N7XJL_
4.7
5
4.6
55
4.6
88
4.7
120
12.07
0.074
830
0302CS-5N1XJL_
5.1
5
5.1
62
5.1
92
5.2
118
9.65
0.074
830
0302CS-5N6XJL_
5.6
5
5.5
50
5.5
71
5.6
108
6.40
0.120
730
0302CS-6N0XJL_
6.0
5
6.0
58
6.0
82
6.2
105
8.60
0.140
700
0302CS-6N3XJL_
6.3
5
6.3
56
6.3
80
6.5
100
9.34
0.155
620
0302CS-6N5XJL_
6.5
5
6.5
56
6.5
80
6.8
100
8.19
0.200
620
0302CS-7N0XJL_
7.0
5
7.0
62
7.1
84
7.2
112
8.50
0.103
760
0302CS-7N2XJL_
7.2
5
7.2
60
7.2
82
7.4
110
9.12
0.112
690
0302CS-7N4XJL_
7.4
5
7.3
60
7.4
82
7.6
110
7.98
0.112
690
0302CS-8N3XJL_
8.3
5
8.2
58
8.3
80
8.5
104
8.19
0.150
590
0302CS-9N2XJL_
9.2
5
8.9
58
9.0
83
9.2
120
7.92
0.115
690
0302CS-10NXJL_
10.0
5
10.0
58
10.1
91
10.2
119
7.45
0.140
620
0302CS-11NXJL_
11.0
5
11.0
57
11.2
83
11.6
105
6.85
0.210
590
0302CS-12NXJL_
12.0
5
12.0
59
12.6
88
12.7
110
6.86
0.170
560
0302CS-13NXJL_
13.0
5
13.0
53
13.3
83
13.8
104
6.94
0.230
480
0302CS-15NXJL_
15.0
5
15.0
55
15.4
84
15.9
106
6.20
0.174
560
0302CS-16NXJL_
16.0
5
16.0
54
16.4
85
17.0
102
6.13
0.210
480
0302CS-17NXJL_
17.0
5
16.9
52
17.4
82
18.2
118
6.26
0.280
440
0302CS-18NXJL_
18.0
5
17.9
55
18.5
80
19.3
111
6.03
0.350
390
0302CS-19NXJL_
19.0
5
18.9
53
19.6
85
20.5
104
5.79
0.260
480
0302CS-20NXJL_
20.0
5
19.9
56
20.2
88
20.8
112
5.68
0.300
430
0302CS-21NXJL_
21.0
5
20.9
53
22.0
82
24.1
95
5.16
0.370
370
0302CS-22NXJL_
22.0
5
22.0
52
23.1
79
25.2
94
4.95
0.420
340
0302CS-23NXJL_
23.5
5
23.5
54
24.6
84
27.4
92
5.18
0.400
430
0302CS-29NXJL_
29.0
5
29.0
51
30.5
75
33.0
90
4.83
0.470
330
0302CS-34NXJL_
34.0
5
34.0
55
35.5
78
38.1
94
4.45
0.530
310
ChipInductors-0302CS(0805)
Document 302 -1
1. When ordering, please specify
termination and packaging codes:
0302CS-34NXJLW
Termination: L = RoHS compliant silver-platinum-glass frit.
E = Halogen free component. RoHS compliant silver-
platinum-glass frit terminations.
Packaging: W= 7
″ machine-ready reel. EIA-481 punched paper
tape (2000 parts per full reel).
U = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter W instead.
2. Inductance measured at 250 MHz using a Coilcraft SMD-F fixture in
an Agilent/HP 4286 impedance analyzer with Coilcraft-provided cor-
relation pieces.
3. Q measured using an Agilent/HP 4287A with an Agilent/HP 16193 test
fixture.
4. SRF measured using an Agilent/HP 8722ES network analyzer and a
test fixture with a 0.017
″ air gap.
5. DCR measured on a micro-ohmmeter and a Coilcraft CCF858 test
fixture.
6. Current that causes a 30°C temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
• 0302size–20%smallerthanour0402CSinductors
• 35inductancevaluesfrom0.67to34nH
• HighQvalues–upto131at2.4GHz!
Request free evaluation samples by contacting Coilcraft
or visiting
www.coilcraft.com.
Document 302-1 Revised 11/01/12


Similar Part No. - 0302CS-3N8XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0302CS-3N8XJL COILCRAFT-0302CS-3N8XJL Datasheet
216Kb / 2P
   Chip Inductors
0302CS-3N8XJLU COILCRAFT-0302CS-3N8XJLU Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
0302CS-3N8XJLW COILCRAFT-0302CS-3N8XJLW Datasheet
110Kb / 2P
   Chip Inductors - 0302CS (0805)
More results

Similar Description - 0302CS-3N8XJL

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402CS-5N6XJLW COILCRAFT-0402CS-5N6XJLW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS
0402CS-2N0XGLW COILCRAFT-0402CS-2N0XGLW Datasheet
151Kb / 2P
   Chip Inductors ??0402CS (1005)
0402CS-3N3XGBU COILCRAFT-0402CS-3N3XGBU Datasheet
98Kb / 2P
   Chip Inductors - 0402CS (1005)
0402CS-27NXJBW COILCRAFT-0402CS-27NXJBW Datasheet
98Kb / 2P
   Chip Inductors ??0402CS (1005)
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
logo
Panasonic Semiconductor
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com