Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R192PDAA Datasheet(PDF) 4 Page - Agere Systems

Part # R192PDAA
Description  R192P OC-192/STM-64 Lightwave Receiver with Improved Sensitivity (-18 dBm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R192PDAA Datasheet(HTML) 4 Page - Agere Systems

  R192PDAA Datasheet HTML 1Page - Agere Systems R192PDAA Datasheet HTML 2Page - Agere Systems R192PDAA Datasheet HTML 3Page - Agere Systems R192PDAA Datasheet HTML 4Page - Agere Systems R192PDAA Datasheet HTML 5Page - Agere Systems R192PDAA Datasheet HTML 6Page - Agere Systems R192PDAA Datasheet HTML 7Page - Agere Systems R192PDAA Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Agere Systems Inc.
R192P OC-192/STM-64 Lightwave Receiver
Preliminary Data Sheet, Rev. 4
with Improved Sensitivity (–18 dBm)
June 2001
Electrical Characteristics
*
Table 3. Electrical Characteristics (TA = 25 °C)
Parameter
Symbol
Min
Typ
Max
Unit
dc Power Supply Voltages:
Negative Supply
PIN Bias
VEE
VPIN
–4.94
5
–5.2
9
–5.46
13
V
V
dc Power Supply Currents:
Negative Supply
PIN Bias
IEE
IPIN
80
110
2
mA
mA
Power Dissipation
PDISS
——
0.6
W
Transimpedance:*
IPH
≤ 500 µA
Note: The output voltage increases linearly up to
750
µAp-p of input current and is operational
up to 2.2 mAp-p of input current.
Conditions: single-ended, 50
Ω load, low fre-
quency.
TZ
550
700
900
Average Equivalent Input Noise Spectral Density
(Bandwidth 100 KHz to 15 GHz)
——
14
pA/
√Hz
Summed Equivalent Noise Power
1400
nArms
Low Frequency Cutoff
fL
—25—
kHz
Bandwidth
BW
8.5
10
GHz
Rolloff (F3 dB to F3 dB + 5 GHz)
–20
dB
Peaking
2
dB
Group Delay:
0.2 GHz—5 GHz
0.2 GHz—8 GHz
±15
±20
ps
ps
Output Return Loss:
0 GHz—6 GHz
0 GHz—8 GHz
S22
>10
>8
dB
dB
Transimpedance, TZ
VPP
IPH AVG
()
--------------------, where IPH AVG
()
=
= the average photodiode current.


Similar Part No. - R192PDAA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1924A HAMAMATSU-R1924A Datasheet
43Kb / 2P
   PHOTOMULTIPLIER TUBE
R1924A HAMAMATSU-R1924A_15 Datasheet
50Kb / 2P
   PHOTOMULTIPLIER TUBE
More results

Similar Description - R192PDAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
logo
Source Photonics, Inc.
FAM-50X1S-T40 SOURCE-FAM-50X1S-T40 Datasheet
248Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-30X1S-T7 SOURCE-FAM-30X1S-T7 Datasheet
242Kb / 14P
   OC-192/STM-64 SFF Transponder
FAM-70X1S-T40 SOURCE-FAM-70X1S-T40 Datasheet
254Kb / 14P
   OC-192/STM-64 SFF Transponder
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com