Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P172ACCJ Datasheet(PDF) 3 Page - Agere Systems

Part # P172ACCJ
Description  P172-Type Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

P172ACCJ Datasheet(HTML) 3 Page - Agere Systems

  P172ACCJ Datasheet HTML 1Page - Agere Systems P172ACCJ Datasheet HTML 2Page - Agere Systems P172ACCJ Datasheet HTML 3Page - Agere Systems P172ACCJ Datasheet HTML 4Page - Agere Systems P172ACCJ Datasheet HTML 5Page - Agere Systems P172ACCJ Datasheet HTML 6Page - Agere Systems P172ACCJ Datasheet HTML 7Page - Agere Systems P172ACCJ Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Agere Systems Inc.
Advance Data Sheet
August 2001
P172-Type Receiver
Electrical Characteristics
Minimum and maximum values specified over operating case temperature range and end of life (EOL), and typical
values are for 25
°C and beginning of life (BOL), unless otherwise specified
* The resistance of the thermistor is inversely proportional to the temperature. The temperature can be calculated from the resistance value
using the Steinhart-Hart equation: 1/T = A + B ln(R) + C ln(R)
3; where A, B, and C are constants: A = 1.0267 x 10–3, B = 2.565 x 10–4,
C = 4.5421 x 10
–8.
Table 2. Electrical Characteristic
Parameter
Symbol
Min
Typ
Max
Unit
dc Power Supply Voltages:
Positive Supply
APD Operating Bias Voltage
APD Operating Voltage Temperature Coefficient
PIN Operating Bias Voltage
VCC
VOP
VOP
3.15
45
0.07
3.0
3.3
5.0
3.45
70
0.14
15
V
V
V/
°C
V
dc Power Supply Currents:
Positive Supply
APD Bias Supply at VOP
PIN Bias Supply at VOP
ICC
IAPD
IPIN
55
101
4
4
mA
mA
mA
dc Power Dissipation
PDISS
200
350
mW
Small Signal (<10
µA) Transimpedance
Tz
1.7
2.5
3.1
k
Input Noise Current (100 kHz—2 GHz)
Nrms
322
466
nArms
Output Return Loss (130 MHz—5 GHz)
S22
–15
–9
dB
3 dB Bandwidth
fC
1.7
2.0
GHz
Thermistor resistance at 25
°C*
RTH
9.5
10
10.5
k


Similar Part No. - P172ACCJ

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P1727 ETAL-P1727 Datasheet
107Kb / 4P
   PICK-OFF TRANSFORMER
logo
PulseCore Semiconductor
P1727 PULSECORE-P1727 Datasheet
182Kb / 9P
   Low Power Notebook LCD Panel EMI Reduction IC
logo
ON Semiconductor
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1727AF-08SR ONSEMI-P1727AF-08SR Datasheet
131Kb / 6P
   Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
P1727AG-08SR PULSECORE-P1727AG-08SR Datasheet
182Kb / 9P
   Low Power Notebook LCD Panel EMI Reduction IC
More results

Similar Description - P172ACCJ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
GXB5005 SONY-GXB5005 Datasheet
131Kb / 12P
   SMD Type GPS Receiver Module
logo
Agere Systems
R768 AGERE-R768 Datasheet
91Kb / 6P
   R768-Type OC-768/STM-256 Lightweight Receiver
logo
IK Semicon Co., Ltd
IL6965 IKSEMICON-IL6965 Datasheet
2Mb / 24P
   Receiver follow impedance type can also be used
logo
Source Photonics, Inc.
T-11-1250-P3-SFC-APC SOURCE-T-11-1250-P3-SFC-APC Datasheet
470Kb / 3P
   1.25Gbps 3.3V PIN-TIA Receiver Modules- Pigtailed (APC Type)
logo
Festo Corporation.
537696 FESTO-537696 Datasheet
107Kb / 2P
   Receiver
7/13/22
537711 FESTO-537711 Datasheet
111Kb / 2P
   Receiver
7/13/22
537712 FESTO-537712 Datasheet
107Kb / 2P
   Receiver
7/13/22
logo
Renesas Technology Corp
NDL5590P RENESAS-NDL5590P Datasheet
210Kb / 14P
   RECEIVER
1995
NR3315TA RENESAS-NR3315TA Datasheet
235Kb / 9P
   RECEIVER
2009
logo
Sanyo Semicon Device
SVC707 SANYO-SVC707 Datasheet
23Kb / 3P
   Silicon Diffused Junction Type FM Receiver Electronic Tuning Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com