Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R768 Datasheet(PDF) 3 Page - Agere Systems

Part # R768
Description  R768-Type OC-768/STM-256 Lightweight Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R768 Datasheet(HTML) 3 Page - Agere Systems

  R768 Datasheet HTML 1Page - Agere Systems R768 Datasheet HTML 2Page - Agere Systems R768 Datasheet HTML 3Page - Agere Systems R768 Datasheet HTML 4Page - Agere Systems R768 Datasheet HTML 5Page - Agere Systems R768 Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Advance Data Sheet
September 2000
Lightweight Receiver
R768-Type OC-768/STM-256
Agere Systems Inc.
3
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operations section of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
* Device is normally reverse biased. Forward biasing the photodiode can compromise device performance and reliability.
Optical Characteristics
Parameter
Symbol
Min
Max
Unit
Positive Supply Voltage
VCC
5.0
7.0
V
Photodiode Forward Current*
IPD
—1
mA
Maximum Reverse Bias
VB
—5
V
Optical Input Power, PIN
PMAX
8
dBm
Operating Case Temperature
TC
065
°C
Storage Temperature
Tstg
–40
85
°C
Lead Soldering Temperature
250
°C
Lead Soldering Time
10
s
Table 2. Optical Characteristics (TA = 25 °C)
Parameter
Symbol
Min
Typ
Max
Unit
Optical wavelength for Rated Sensitivity
λ
1.480
1.610
µm
Sensitivity, PIN
PLOW
—–7
dBm
Maximum Optical Input Power, Average, PIN
PHIGH
—3—
dBm
Optical Return Loss
–27
–30
dBm
Responsivity of PIN,
λ = 1.55 µm
PIN
0.7
A/W
Total Dark Current
ID
—0.5
µA
Polarization-dependent Loss
PDL
0.5
dB


Similar Part No. - R768

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600P HAMAMATSU-R7600P Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U HAMAMATSU-R7600U Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03 HAMAMATSU-R7600U-03 Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R768

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com