Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5111 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM5111
Description  LM5111 Dual 5A Compound Gate Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5111 Datasheet(HTML) 3 Page - Texas Instruments

  LM5111 Datasheet HTML 1Page - Texas Instruments LM5111 Datasheet HTML 2Page - Texas Instruments LM5111 Datasheet HTML 3Page - Texas Instruments LM5111 Datasheet HTML 4Page - Texas Instruments LM5111 Datasheet HTML 5Page - Texas Instruments LM5111 Datasheet HTML 6Page - Texas Instruments LM5111 Datasheet HTML 7Page - Texas Instruments LM5111 Datasheet HTML 8Page - Texas Instruments LM5111 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
LM5111
www.ti.com
SNVS300F – JULY 2004 – REVISED MAY 2011
Electrical Characteristics
TJ = −40°C to +125°C, VCC = 12V, VEE = 0V, No Load on OUT_A or OUT_B, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC Operating Range
VCC−VEE
3.5
14
V
VCCR
VCC Under Voltage Lockout (rising) VCC−VEE
2.3
2.9
3.5
V
VCCH
VCC Under Voltage Lockout
230
mV
Hysteresis
ICC
IN_A = IN_B = 0V (5111-1)
1
2
VCC Supply Current (ICC)
IN_A = IN_B = VCC (5111-2)
1
2
mA
IN_A = VCC, IN_B = 0V (5111-3)
1
2
CONTROL INPUTS
VIH
Logic High
2.2
V
VIL
Logic Low
0.8
V
VthH
High Threshold
1.3
1.75
2.2
V
VthL
Low Threshold
0.8
1.35
2.0
V
HYS
Input Hysteresis
400
mV
IIL
Input Current Low
IN_A=IN_B=VCC (5111-1-2-3)
−1
0.1
1
IIH
IN_B=VCC (5111-3)
10
18
25
IN_A=IN_B=VCC (5111-2)
−1
0.1
1
µA
Input Current High
IN_A=IN_B=VCC (5111-1)
10
18
25
IN_A=VCC (5111-3)
-1
0.1
1
OUTPUT DRIVERS
ROH
Output Resistance High
IOUT = −10 mA
(1)
30
50
Ω
ROL
Output Resistance Low
IOUT = + 10 mA
(1)
1.4
2.5
Ω
ISource
OUTA/OUTB = VCC/2,
Peak Source Current
3
A
200 ns Pulsed Current
ISink
OUTA/OUTB = VCC/2,
Peak Sink Current
5
A
200 ns Pulsed Current
SWITCHING CHARACTERISTICS
td1
Propagation Delay Time Low to
CLOAD = 2 nF
25
40
ns
High, IN rising (IN to OUT)
See Figure 2 and Figure 3
td2
Propagation Delay Time High to
CLOAD = 2 nF
25
40
ns
Low, IN falling (IN to OUT)
See Figure 2 and Figure 3
tr
CLOAD = 2 nF
Rise Time
14
25
ns
See Figure 2 and Figure 3
tf
CLOAD = 2 nF
Fall Time
12
25
ns
See Figure 2 and Figure 3
LATCHUP PROTECTION
AEC - Q100, Method 004
TJ = 150°C
500
mA
THERMAL RESISTANCE
θJA
Junction to Ambient,
SOIC Package
170
°C/W
0 LFPM Air Flow
VSSOP Package
60
θJC
SOIC Package
70
Junction to Case
°C/W
VSSOP Package
4.7
(1)
The output resistance specification applies to the MOS device only. The total output current capability is the sum of the MOS and
Bipolar devices.
Copyright © 2004–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM5111


Similar Part No. - LM5111

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-1M NSC-LM5111-1M Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-1MX NSC-LM5111-1MX Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-2M NSC-LM5111-2M Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
LM5111-2MX NSC-LM5111-2MX Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
More results

Similar Description - LM5111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5111 TI-LM5111_15 Datasheet
859Kb / 18P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com