Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R480JMAA Datasheet(PDF) 8 Page - Agere Systems

Part # R480JMAA
Description  R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R480JMAA Datasheet(HTML) 8 Page - Agere Systems

  R480JMAA Datasheet HTML 1Page - Agere Systems R480JMAA Datasheet HTML 2Page - Agere Systems R480JMAA Datasheet HTML 3Page - Agere Systems R480JMAA Datasheet HTML 4Page - Agere Systems R480JMAA Datasheet HTML 5Page - Agere Systems R480JMAA Datasheet HTML 6Page - Agere Systems R480JMAA Datasheet HTML 7Page - Agere Systems R480JMAA Datasheet HTML 8Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
R480-Type Lightwave Receiver with CML Data Output
Data Sheet, Rev. 1
for up to 2.488 Gbits/s Applications
September 2001
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liability is assumed as a result of their use or application.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
September 2001
DS01-011OPTO-1 (Replaces DS01-011OPTO)
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@agere.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA:
Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon
Tel. (852) 3129-2000, FAX (852) 3129-2020
CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen)
JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei)
EUROPE:
Tel. (44) 7000 624624, FAX (44) 1344 488 045
Ordering Information
Table 5. Ordering Information for the R480-Type Receiver
Table 6. Related Product Information
Code
Detector Type
Connector Type
Fiber Type
Comcode
R480CMAA
APD
SC/PC
Single-mode
108865668
R480FMAA
APD
FC/PC
Single-mode
108865684
R480WMAA
APD
LC
Single-mode
TBD
R480JMAA
APD
MU
Single-mode
TBD
R480CPAA
PIN
SC/PC
Single-mode
108865676
R480FPAA
PIN
FC/PC
Single-mode
108865692
R480WPAA
PIN
LC
Single-mode
TBD
R480JPAA
PIN
MU
Single-mode
TBD
R480CPBB
PIN
SC/PC
Multimode
TBD
R480FPBB
PIN
FC/PC
Multimode
TBD
R480WPBB
PIN
LC
Multimode
TBD
R480JPBB
PIN
MU
Multimode
109115022
Product Code
Description
Document Number
T48 Transmitter
2.5 Gbits/s Uncooled Laser Transmitter
DS00-088OPTO
R485-Type Receiver
2.5 Gbits/s Receiver with Clock Recovery
DS01-005OPTO
* Telcordia Technologies is a trademark of Telcordia Technologies.


Similar Part No. - R480JMAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CMAA AGERE-R485CMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPAA AGERE-R485CPAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485CPBB AGERE-R485CPBB Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
R485FMAA AGERE-R485FMAA Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
More results

Similar Description - R480JMAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R485 AGERE-R485 Datasheet
134Kb / 10P
   R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
logo
NXP Semiconductors
TZA3012AHW PHILIPS-TZA3012AHW Datasheet
242Kb / 60P
   30 Mbits/s up to 3.2 Gbits/s A-rateTM Fibre Optic Receiver
2003 May 21
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
logo
NXP Semiconductors
TZA3047A PHILIPS-TZA3047A Datasheet
135Kb / 28P
   30 Mbits/s up to 1.25 Gbits/s laser drivers
2003 Jun 05
logo
Agere Systems
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com