Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R768PSAA Datasheet(PDF) 6 Page - Agere Systems

Part # R768PSAA
Description  R768-Type OC-768/STM-256 Lightweight Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R768PSAA Datasheet(HTML) 6 Page - Agere Systems

  R768PSAA Datasheet HTML 1Page - Agere Systems R768PSAA Datasheet HTML 2Page - Agere Systems R768PSAA Datasheet HTML 3Page - Agere Systems R768PSAA Datasheet HTML 4Page - Agere Systems R768PSAA Datasheet HTML 5Page - Agere Systems R768PSAA Datasheet HTML 6Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Agere Systems Inc. reserves the right to make changes to the product(s) or information contained herein without notice. No liabi lity is assumed as a result of their use or application. ST is a
registered trademark of Agere Systems Inc.
Copyright © 2001 Agere Systems Inc.
All Rights Reserved
Printed in U.S.A.
September 2000
DS00-383OPTO-1
For additional information, contact your Agere Systems Account Manager or the following:
INTERNET:
http://www.agere.com
E-MAIL:
docmaster@agere.com
N. AMERICA:
Agere Systems Inc., 555 Union Boulevard, Room 30L-15P-BA, Allentown, PA 18109-3286
1-800-372-2447, FAX 610-712-4106 (In CANADA: 1-800-553-2448, FAX 610-712-4106)
ASIA:
Agere Systems Hong Kong Ltd., Suites 3201 & 3210-12, 32/F, Tower 2, The Gateway, Harbour City, Kowloon
Tel. (852) 3129-2000, FAX (852) 3129-2020
CHINA: (86) 21-5047-1212 (Shanghai), (86) 10-6522-5566 (Beijing), (86) 755-695-7224 (Shenzhen)
JAPAN: (81) 3-5421-1600 (Tokyo), KOREA: (82) 2-767-1850 (Seoul), SINGAPORE: (65) 778-8833, TAIWAN: (886) 2-2725-5858 (Taipei)
EUROPE:
Tel. (44) 7000 624624, FAX (44) 1344 488 045
Advance Data Sheet
September 2000
Lightweight Receiver
R768-Type OC-768/STM-256
Ordering Information
Table 4. Ordering Information
Description
Product Code
Photodiode
Connector
Comcode
R768-Type OC-768/STM-256
Lightwave Receiver
R768PGAA
PIN
FC
108894635
R768PSAA
PIN
LC
108894643
R768PDAA
PIN
SC
108727041
R768PJAA
PIN
Test Ferrule
TBD


Similar Part No. - R768PSAA

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R7600P HAMAMATSU-R7600P Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U HAMAMATSU-R7600U Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-00-M4 HAMAMATSU-R7600U-00-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
R7600U-03 HAMAMATSU-R7600U-03 Datasheet
149Kb / 4P
   PHOTOMULTIPLIER TUBE
R7600U-03-M4 HAMAMATSU-R7600U-03-M4 Datasheet
165Kb / 4P
   MULTIANODE PHOTOMULTIPLIER TUBE
More results

Similar Description - R768PSAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R2860A AGERE-R2860A Datasheet
83Kb / 6P
   Digital Receiver OC-192/STM-64
logo
List of Unclassifed Man...
1319T ETC1-1319T Datasheet
450Kb / 9P
   1319T OC-192/STM-64 Lighwave Receiver
logo
Agere Systems
R2860D AGERE-R2860D Datasheet
107Kb / 6P
   R2860D Digital Receiver OC-192/STM-64
R2860E AGERE-R2860E Datasheet
84Kb / 6P
   R2860E Digital Receiver OC-192/STM-64
R2860G AGERE-R2860G Datasheet
129Kb / 6P
   R2860G Digital Receiver OC-192/STM-64
R2860F AGERE-R2860F Datasheet
84Kb / 6P
   R2860F Digital Receiver OC-192/STM-64
R2862A AGERE-R2862A Datasheet
97Kb / 6P
   R2862A Digital 2R Receiver OC-192/STM-64
logo
OPLINK Communications I...
SRX48-0415 OPLINK-SRX48-0415 Datasheet
665Kb / 4P
   OC-48/STM-16 Receiver without Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com