Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R485FPAA Datasheet(PDF) 3 Page - Agere Systems

Part # R485FPAA
Description  R485-Type Lightwave Receiver with Clock Recovery for 2.488 Gbits/s Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

R485FPAA Datasheet(HTML) 3 Page - Agere Systems

  R485FPAA Datasheet HTML 1Page - Agere Systems R485FPAA Datasheet HTML 2Page - Agere Systems R485FPAA Datasheet HTML 3Page - Agere Systems R485FPAA Datasheet HTML 4Page - Agere Systems R485FPAA Datasheet HTML 5Page - Agere Systems R485FPAA Datasheet HTML 6Page - Agere Systems R485FPAA Datasheet HTML 7Page - Agere Systems R485FPAA Datasheet HTML 8Page - Agere Systems R485FPAA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Advance Data Sheet, Rev. 1
October 2001
Recovery for 2.488 Gbits/s Applications
R485-Type Lightwave Receiver with Clock
Agere Systems Inc.
3
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are abso-
lute stress ratings only. Functional operation of the device is not implied at these or any other conditions in excess
of those given in the operational sections of the data sheet. Exposure to absolute maximum ratings for extended
periods can adversely affect device reliability.
Characteristics
Table 2. Optical Characteristics
At 1.3
µm wavelength and 1 x 10–10 BER with 223 – 1 NRZ pseudorandom data.
* Over operating temperature range and at end of life.
† Typical values at room temperature and beginning of life.
Parameter
Symbol
Min
Max
Unit
Operating Case Temperature Range:
APD
PIN
TC
TC
0
–40
70
85
°C
°C
Storage Temperature
Tstg
–40
85
°C
Optical Input Power—Biased:
APD
PIN
PIN
PIN
0
8
dBm
dBm
Supply Voltages
VCC
06.5
V
Lead Soldering Temperature/Time
250/10
°C/s
Parameter
Symbol
Min*
Typ
Max*
Unit
Measured Average Sensitivity:
APD
PIN
PMIN
PMIN
–32
–23
–30
–21
dBm
dBm
Maximum Input Power:
APD
PIN
PMAX
PMAX
–8
0
dBm
dBm
Link Status Switching Threshold
Decreasing Light Input:
APD
PIN
LSTD
LSTD
–45
–34
–40
–27
–35
–24
dBm
dBm
Flag Response Time
tFLAG
3
1000
µs
Flag Hysteresis
1.2
dB
Optical Reflectance:
Single-mode Fiber
Multimode Fiber
–27
–14
dB
dB


Similar Part No. - R485FPAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CMAA AGERE-R480CMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPAA AGERE-R480CPAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480CPBB AGERE-R480CPBB Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
R480FMAA AGERE-R480FMAA Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
More results

Similar Description - R485FPAA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
R480 AGERE-R480 Datasheet
76Kb / 8P
   R480-Type Lightwave Receiver with CML Data Output for up to 2.488 Gbits/s Applications
LG1628AXA AGERE-LG1628AXA Datasheet
242Kb / 12P
   LG1628AXA SONET/SDH 2.488 Gbits/s Transimpedance Amplifier
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
logo
Agere Systems
1340 AGERE-1340 Datasheet
170Kb / 12P
   Lightwave Receiver
TTRN012G5 AGERE-TTRN012G5 Datasheet
394Kb / 22P
   TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
D372 AGERE-D372 Datasheet
56Kb / 8P
   D372-Type Digital Uncooled DFB Laser Module for 2.5 Gbits/s Applications
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com