Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393209-8 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393209-8
Description  T90 Series, 30A PCB Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393209-8 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393209-8 Datasheet HTML 1Page - Tyco Electronics 2-1393209-8 Datasheet HTML 2Page - Tyco Electronics 2-1393209-8 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Purpose Relays
Power Relays
T90 Series, 30A PCB Relay
08-2011, Rev. 0811
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
Coil Data
Coil voltage range
5 to 110VDC
Max. coil power
1.0W
Max. coil temperature
155°C
Coil insulation system according UL
Class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
wW
5
5
3.75
0.5
27
900
6
6
4.5
0.6
40
900
9
9
6.75
0.9
97
900
12
12
9
1.2
155
900
18
18
13.5
1.8
380
900
24
24
18
2.4
660
900
48
48
36
4.8
2560
900
110
110
82.5
11
13450
900
All figures are given for coil without preenergization, at ambient temperature +23°C.
Ambient temperature vs. coil voltage – 1W coil
Data graphed above are average values and should be verified in application. Tests were
conducted within a 2’ (.6m) cube (still air); at nominal coil power @ 25°C; with normally
open contact loaded; and with 4’ (1.22m) long, #10AWG load wires. P.C. board relays were
mounted to a 30A, single side P.C. board. Coil rise test conducted with a 30A PC board
to maintain 20°C max. rise at 30°C. The relay connections and wiring must be designed
with an adequate cross section to ensure proper current flow and heat dissipation. After
cleaning process knock-off nib should be removed for optimum life of wash-tight relays.
n
30A, 1 Form A (NO); 20A, 1 Form C (CO)
n
Available as open frame or sealed construction
n
Meets UL 508 and 873 Spacing - 3.18 through air, 6.36 over surface
n
UL class F insulation system standard
Typical applications
HVAC, Appliances, Industrial Controls
Approvals
UL E22575; CSA LR15734
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO), 1 form B (NC), 1 form C (CO)
Rated voltage
277VAC
Max. switching voltage
277VAC
Rated current
30A
Limiting continuous current
30A
Limiting making current
30A
Limiting breaking current
30A
Contact material
AgCdO
Min. recommended contact load
1A, 5VDC or 12VAC
Initial contact resistance
75 mΩ at 1A at 5VDC or 12VAC
Frequency of operation, with load
360hr
Operate/release time max., including bounce
15/15ms
Contact ratings
Type
Load
Cycles
Typical
AgCdO, open style relay
NO
30A, 240VAC, general purpose
100x103
NO
20A, 240VAC, resistive heater
100x103
CO
20A/10A, 240VAC, general purpose
100x103
CO
20A/10A, 28VDC, resistive
100x103
UL 508/873
AgCdO
NO
30A, 240VAC, general purpose
100x103
NC
15A, 240VAC, general purpose
100x103
CO
20A/10A, 240VAC, general purpose
100x103
NO
20A, 240VAC, resistive
100x103
NC
15A, 240VAC, resistive
100x103
CO
20A/10A, 240VAC, resistive
100x103
NO
80LRA/30FLA, 240VAC
30x103
NC
30LRA/10FLA, 240VAC
30x103
CO
53.6LRA/20FLA / 20LRA/6.7FLA, 240VAC
100x103
NO
98LRA/22FLA, 120VAC
100x103
NO
2HP, 240VAC
1x103
NC
1/2HP, 240VAC
1x103
NO
1HP, 120VAC
1x103
NC
1/4HP, 120VAC
1x103
NO
6A, 277VAC, ballast
100x103
NC
3A, 277VAC, ballast
6x103
NO
TV5, 240VAC, tungsten
6x103
NC
TV3, 240VAC, tungsten
6x103
NO
20A, 28VDC, resistive
100x103
NC
10A, 28VDC, resistive
100x103
All ratings at 25°C (unless otherwise noted) with relay properly vented. Remove vent nib
from enclosed relays after soldering and cleaning for optimum life.
Mechanical endurance
10x106 ops.
130
120
110
100
90
80
70
60
50
40
30
20
50
75
100
125
150
175
200
225
30A Load
25A Load
20A Load
15A Load
10A Load
0A Load
150
140
130
120
110
100
90
80
70
60
50
40
30
20
50
75
100
125
150
175
200
225
Wash Tight Relay, Vented
0A Load
10A Load
30A Load
25A Load
20A Load
15A Load
Open Style Relay, No Dust Cover
Applied Continuous Coil Voltage (% of Rated Voltage)
Applied Continuous Coil Voltage (% of Rated Voltage)


Similar Part No. - 2-1393209-8

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-1393209-8 TEC-2-1393209-8 Datasheet
457Kb / 3P
   Available as open frame or sealed construction
More results

Similar Description - 2-1393209-8

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393209-2 MACOM-2-1393209-2 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-7 MACOM-2-1393209-7 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-1 MACOM-2-1393209-1 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
T90S1D12-24 MACOM-T90S1D12-24 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-0 MACOM-2-1393209-0 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
2-1393209-5 MACOM-2-1393209-5 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
T90S5D12-24 MACOM-T90S5D12-24 Datasheet
470Kb / 4P
   T90 Series, 30A PCB Relay
2-1393209-6 MACOM-2-1393209-6 Datasheet
804Kb / 3P
   T90 Series, 30A PCB Relay
logo
TE Connectivity Ltd
T9G TEC-T9G Datasheet
812Kb / 5P
   T9G series, DC coil 30A PCB Relay
logo
Tyco Electronics
2-1419104-0 MACOM-2-1419104-0 Datasheet
1Mb / 4P
   T9A Series, DC Coil 30A PCB or Panel Mount Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com