Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T7570 Datasheet(PDF) 9 Page - Agere Systems

Part # T7570
Description  T7570 Programmable PCM Codec with Hybrid-Balance Filter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T7570 Datasheet(HTML) 9 Page - Agere Systems

Back Button T7570 Datasheet HTML 5Page - Agere Systems T7570 Datasheet HTML 6Page - Agere Systems T7570 Datasheet HTML 7Page - Agere Systems T7570 Datasheet HTML 8Page - Agere Systems T7570 Datasheet HTML 9Page - Agere Systems T7570 Datasheet HTML 10Page - Agere Systems T7570 Datasheet HTML 11Page - Agere Systems T7570 Datasheet HTML 12Page - Agere Systems T7570 Datasheet HTML 13Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
Lucent Technologies Inc.
Data Sheet
T7570 Programmable PCM Codec
October 1996
with Hybrid-Balance Filter
Functional Description (continued)
Programmable Functions (continued)
Digital Loopback
The digital loopback mode is entered by setting the AL
and DL bits in the control register as shown in Table 3.
This mode provides another stage of path verification
by enabling data written into the receive PCM register
to be read back from that register in any transmit time
slot at DX0/1. In digital loopback mode, the decoder
remains functional and outputs a signal at VFRO. If this
is undesirable, the receive output can be disabled by
programming the receive gain register to all 0s.
Interface Latch Directions
Immediately following powerup, all interface latches
assume they are inputs and, therefore, all IL pins are in
a high-impedance state. Each IL pin can be individually
programmed as a logic input or output by writing the
appropriate instruction to the LDR (see Tables 2 and 5).
For minimum power dissipation, unconnected latch
pins should be programmed as outputs.
Bits L5—L0 must be set by writing the specified instruc-
tion to the LDR with the L bits in the second byte set as
follows.
Table 5. Byte 2 Functions of Latch Direction
Register
Note: X = don't care.
Interface Latch States
Interface latches configured as outputs assume the
state determined by the appropriate data bit in the
2-byte instruction written to the interface latch register
(ILR) as shown in Tables 2 and 6. Latches configured
as inputs sense the state applied by an external
source, such as the off-hook detect output of a SLIC.
All bits of the ILR, i.e., sensed inputs and the pro-
grammed state of outputs, can be read back in the sec-
ond byte of a read of the ILR.
It is recommended that during initialization, the state of
IL pins to be configured as outputs should be pro-
grammed first, followed immediately by the LDR.
Table 6. Interface Latch Data Bit Order Bit Number
Time-Slot Assignment
The T7570 can operate in either fixed time-slot or time-
slot assignment mode for selecting the transmit and
receive PCM time slots. Following powerup, the device
is automatically in nondelayed timing mode, in which
the time slot always begins with the leading (rising)
edge of frame-sync inputs FSX and FSR. Time-slot
assignment can only be used with delayed-data timing
(see Figure 5). FSX and FSR can have any phase rela-
tionship with each other in BCLK period increments.
Alternatively, the internal time-slot assignment counters
and comparators can be used to access any time slot
in a frame by using the frame-sync inputs as marker
pulses for the beginning of transmit and receive time
slots of 8 bits each. A time slot is assigned by a 2-byte
instruction as shown in Tables 2 and 7. The last 6 bits
of the second byte indicate the selected time slot from
0 to 63 using straight binary notation. A new assign-
ment becomes active on the second frame following
the end of the
for the second control byte. The EN
bit allows the PCM inputs, DR0/1, or outputs, DX0/1, as
appropriate, to be enabled or disabled. Time-slot
assignment mode requires that the FSX and FSR pulses
must conform to the delayed-data timing format shown
in Figure 5.
Port Selection
Two transmit serial PCM ports, DX0 and DX1, and two
receive serial PCM ports, DR0 and DR1, are provided to
enable two-way space switching to be implemented.
Port selections for transmit and receive are made
within the appropriate time-slot assignment instruction
using the PS bit in the second byte. Port selection can
only be used in delayed-data timing mode.
Table 7 shows the format of the second byte of both
transmit and receive time-slot and port assignment
instructions.
Byte 2 Bit Number
76543210
L0
L1
L2
L3
L4
L5
XX
Ln Bit
IL Direction
0
Input
1
Output
Bit Number
76543210
D0
D1
D2
D3
D4
D5
XX
CS


Similar Part No. - T7570

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
T75 EUROQUARTZ-T75 Datasheet
130Kb / 1P
   Rugged construction HCMOS/Sinewave 7 x 5 x 2mm SMD
logo
Tyco Electronics
T75 MACOM-T75 Datasheet
89Kb / 2P
   High sensitivity ??nominal coil power requirement is as low as 212mW.
logo
List of Unclassifed Man...
T75-24C3 ETC2-T75-24C3 Datasheet
490Kb / 2P
   C L A S S 2 T R ANS FORME R S
logo
Infineon Technologies A...
T75.26K0 INFINEON-T75.26K0 Datasheet
81Kb / 2P
   Gate leads for MP disc devices Zubehör Date
2013-10-01 Revision: 3.1
logo
Intel Corporation
T7500 INTEL-T7500 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
More results

Similar Description - T7570

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
logo
Integrated Device Techn...
IDT821068 IDT-IDT821068 Datasheet
589Kb / 45P
   OCTAL PROGRAMMABLE PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com