Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0307-2 Datasheet(PDF) 3 Page - Lumberg

Part # 0307-2
Description  Leiterplattenlayouts siehe Seite 3.63
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

0307-2 Datasheet(HTML) 3 Page - Lumberg

  0307-2 Datasheet HTML 1Page - Lumberg 0307-2 Datasheet HTML 2Page - Lumberg 0307-2 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rundsteckverbinder mit Schraubverschluss nach IEC 60130-9, IP 40/IP 68
Circular connectors with threaded joint acc. to IEC 60130-9, IP 40/IP 68
Connecteurs circulaires avec verrouillage à vis suivant CEI 60130-9, IP 40/IP 68
Leiterplattenlayouts für Einbausteckverbinder, von der Bestückungsseite gesehen
Printed circuit board layouts for chassis connectors, components side view
Modèles de cartes imprimées pour embases, vus du côté à équiper
06-1
70
07
71
07-1
80
08
81
08-1
30
03
40
04
50
05
50/6
05-1
60
06
Leiterplattenlayouts für Einbausteckverbinder mit Massekontakt, von der Bestückungsseite gesehen
Printed circuit board layouts for chassis connectors with ground contact, components side view
Modèles de cartes imprimées pour embases avec contact de masse, vus du côté à équiper
120
12
120
12
140
14
140
14
Stecker/plug/connecteur mâle
Kupplung/socket/connecteur femelle
Stecker/plug/connecteur mâle
Kupplung/socket/connecteur femelle
Stecker/plug/connecteur mâle
Kupplung/socket/connecteur femelle
Stecker/plug/connecteur mâle
Kupplung/socket/connecteur femelle
06-1
06-1
08-1
08-1
www.lumberg.com
12/2009


Similar Part No. - 0307-2

ManufacturerPart #DatasheetDescription
logo
Lumberg
0307-2 LUMBERG-0307-2 Datasheet
355Kb / 4P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0307-2 LUMBERG-0307-2 Datasheet
124Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0307-2 LUMBERG-0307-2 Datasheet
223Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0307-2 LUMBERG-0307-2 Datasheet
273Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
0307-2 LUMBERG-0307-2 Datasheet
359Kb / 3P
   Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
More results

Similar Description - 0307-2

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
   0.8 Vin - 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
   0.75 Vin to 3.63 Vin Single output
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
   0.75 Vin to 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
   0.8 Vin to 3.63 Vin Single output
logo
Bel Fuse Inc.
VRBG-30A1A0 BEL-VRBG-30A1A0_10 Datasheet
316Kb / 9P
   8 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc / 30 A Outputs
SRBC-16E4AX BEL-SRBC-16E4AX Datasheet
475Kb / 14P
   4.5 Vdc - 14 Vdc Input 0.75 Vdc - 3.63 Vdc/16 A Output
SLIN-12F1AX BEL-SLIN-12F1AX Datasheet
439Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-12F2AX BEL-SLIN-12F2AX Datasheet
430Kb / 25P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /12 A Output
SLIN-20F1AX BEL-SLIN-20F1AX Datasheet
407Kb / 26P
   2.4 Vdc - 5.5 Vdc Input, 0.6 Vdc - 3.63 Vdc /20 A Output
SRBC-30E2AL BEL-SRBC-30E2AL_10 Datasheet
256Kb / 9P
   6 Vdc - 14 Vdc Input 0.8 Vdc - 3.63 Vdc/25 A or 30 A Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com