Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE7090-15 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE7090-15
Description  15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7090-15 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE7090-15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7090-15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7090-15 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Pasternack Enterprises, Inc. • P.O. Box 16759, Irvine, CA 92623
Phone: (866) 727-8376 or (949) 261-1920 • Fax: (949) 261-7451
Sales@Pasternack.com • Techsupport@Pasternack.com
The information contained in this document is accurate to the best of our knowledge and representative of the part described
herein. It may be necessary to make modifications to the part and/or the documentation of the part, in order to implement improve-
ments. Pasternack reserves the right to make such changes as required. Unless otherwise stated, all specifications are nominal.
TECHNICAL DATA SHEET
© 2012 Pasternack Enterprises All Rights Reserved
MechanicalSpecifications
Temperature Operating Range (deg C)
-65 to +125
Body Material and Plating
Stainless Steel, Passivated
Connector 1
Type
2.92mm Male
Body Material and Plating
Stainless Steel, Passivated
Inner Conductor Material and Plating
BeCu, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Coupling Nut Material and Plating
Stainless Steel, Passivated
Connector 2
Type
2.92mm Female
Body Material and Plating
Stainless Steel, Passivated
Inner Conductor Material and Plating
BeCu, Gold
Outer Conductor Material and Plating
Stainless Steel, Passivated
Coupling Nut Material and Plating
Stainless Steel, Passivated
ComplianceCertifications(visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Other Data
URL: http://www.pasternack.com/15db-fixed-2.92mm-male-2.92mm-female-2-watts-attenuator-pe7090-15-p.aspx
15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female
Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-15
PE7090-15 REV


Similar Part No. - PE7090-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7090-15 PASTERNACK-PE7090-15 Datasheet
236Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
PE7090-15 PASTERNACK-PE7090-15_16 Datasheet
236Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male to 2.92mm Female Passivated Stainless Steel Body
More results

Similar Description - PE7090-15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7090-20 PASTERNACK-PE7090-20 Datasheet
353Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-10 PASTERNACK-PE7090-10 Datasheet
352Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7090-3 PASTERNACK-PE7090-3 Datasheet
350Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 2 Watts Up To 40 GHz
PE7088-15 PASTERNACK-PE7088-15 Datasheet
355Kb / 3P
   15 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
PE7088-2 PASTERNACK-PE7088-2 Datasheet
358Kb / 3P
   2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Stainless Steel Body Rated To 1 Watt Up To 40 GHz
PE7024-2 PASTERNACK-PE7024-2 Datasheet
245Kb / 3P
   2 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 2 Watts Up To 26.5 GHz
PE7046-30 PASTERNACK-PE7046-30 Datasheet
240Kb / 3P
   30 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-10 PASTERNACK-PE7046-10 Datasheet
240Kb / 3P
   10 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-20 PASTERNACK-PE7046-20 Datasheet
240Kb / 3P
   20 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
PE7046-3 PASTERNACK-PE7046-3 Datasheet
241Kb / 3P
   3 dB Fixed Attenuator, 2.92mm Male To 2.92mm Female Passivated Stainless Steel Body Rated To 0.5 Watts Up To 40 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com