Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8301 Datasheet(PDF) 6 Page - Agere Systems

Part # T8301
Description  T8301 Internet Protocol Telephone Phone-On-A-Chip??IP Solution DSP
Download  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8301 Datasheet(HTML) 6 Page - Agere Systems

Back Button T8301 Datasheet HTML 2Page - Agere Systems T8301 Datasheet HTML 3Page - Agere Systems T8301 Datasheet HTML 4Page - Agere Systems T8301 Datasheet HTML 5Page - Agere Systems T8301 Datasheet HTML 6Page - Agere Systems T8301 Datasheet HTML 7Page - Agere Systems T8301 Datasheet HTML 8Page - Agere Systems T8301 Datasheet HTML 9Page - Agere Systems T8301 Datasheet HTML 10Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 190 page
background image
6
Lucent Technologies Inc.
Phone-On-A-Chip IP Solution DSP
T8301 Internet Protocol Telephone
Advance Data Sheet
December 2000
2 Pin Information (continued)
79
SVDD
——
80
SPKDRV1A (Speakerphone) speaker#1 differential output driver A
5.3
81
SPKDRV1B (Speakerphone) speaker#1 differential output driver B
5.3
82
SVSS
——
83
SVSS
——
84
SPKDRV2B (Speakerphone) speaker#2 differential output driver B
5.3
85
SPKDRV2A (Speakerphone) speaker#2 differential output driver A
5.3
86
SVDD
——
87
VSSGB
88
VDDGB
89
TRSTN
JTAG test reset input, active-low
9.2
90
TMODEN0
Test mode 0
9.1
91
TMODEN1
Test mode 1
9.1
92
TMODEN2
Test mode 2
9.1
93
RESETN
Chip reset, active-low
10.2
94
TDO
JTAG test data out
9.2
6.6
95
TCK
JTAG test clock
9.2
6.6
96
TMS
JTAG mode select
9.2
6.6
97
TDI
JTAG test data in
9.2
6.6
98
CK2MHZ
Clock out
9.1
99
CKO
DSP clock out
9.1
4.12
100
VSS
——
Table 1. Pin Description (continued)
Pin #
Name
Description
Reference 1
Reference 2


Similar Part No. - T8301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
T8301AX MOLEX11-T8301AX Datasheet
25Kb / 2P
   Terminator Die
T8301BX MOLEX11-T8301BX Datasheet
25Kb / 2P
   Terminator Die
T8301DX MOLEX11-T8301DX Datasheet
24Kb / 1P
   Terminator Die
More results

Similar Description - T8301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
IP_TNETV1050 TI-IP_TNETV1050 Datasheet
52Kb / 5P
[Old version datasheet]   IP Phone Solution
logo
Broadcom Corporation.
BCM1113 BOARDCOM-BCM1113 Datasheet
118Kb / 2P
   ENTERPRISE IP PHONE CHIP
logo
Cirrus Logic
CL-PS7500FE CIRRUS-CL-PS7500FE Datasheet
2Mb / 251P
   System-on-a Chip for Internet Appliance
logo
Broadcom Corporation.
BCM1190KQMG BOARDCOM-BCM1190KQMG Datasheet
130Kb / 2P
   LOW-COST IP PHONE CHIP
logo
Cirrus Logic
CS98000 CIRRUS-CS98000 Datasheet
420Kb / 46P
   DVD On-a-Chip Solution
logo
Broadcom Corporation.
BCM1115 BOARDCOM-BCM1115 Datasheet
169Kb / 2P
   SINGLE PORT ENTERPRISE IP PHONE CHIP
logo
Agere Systems
T8302 AGERE-T8302 Datasheet
7Mb / 248P
   T8302 Internet Protocol Telephone Advanced RISC Machine (ARM) Ethernet QoS Using IEEE 802.1q
logo
Texas Instruments
TLV320AIC22C TI-TLV320AIC22C Datasheet
704Kb / 52P
[Old version datasheet]   DUAL VOICE OVER INTERNET PROTOCOL CODEC
logo
Infineon Technologies A...
PSB21653E INFINEON-PSB21653E Datasheet
758Kb / 2P
   Single-chip IP Phone with Internal GbESwitch
logo
List of Unclassifed Man...
ES4227 ETC-ES4227 Datasheet
94Kb / 8P
   Internet Set-Top Box Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com