Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8531 Datasheet(PDF) 1 Page - Agere Systems

Part # T8531
Description  T8502 and T8503 Dual PCM Codecs with Filters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8531 Datasheet(HTML) 1 Page - Agere Systems

  T8531 Datasheet HTML 1Page - Agere Systems T8531 Datasheet HTML 2Page - Agere Systems T8531 Datasheet HTML 3Page - Agere Systems T8531 Datasheet HTML 4Page - Agere Systems T8531 Datasheet HTML 5Page - Agere Systems T8531 Datasheet HTML 6Page - Agere Systems T8531 Datasheet HTML 7Page - Agere Systems T8531 Datasheet HTML 8Page - Agere Systems T8531 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
Preliminary Data Sheet
November 2000
T8531/T8532 Multichannel Programmable
Codec Chip Set
Features
s
Single 5 V power supply operation
s
Per-channel programmable transmit gain
— 25.6 dB range, better than 0.01 dB steps
s
Per-channel programmable receive gain
— 17.8 dB range, better than 0.01 dB steps
s
Per-channel programmable hybrid balance
s
Programmable termination impedances
s
Programmable
µ-law, A-law, or linear PCM output
s
DTMF generator
s
DTMF receiver
s
Caller ID generator
s
Call progress tones generator
s
Automatic gain calibration
s
Programmable time-slot assignment with bit offset
s
Low-noise, balanced, receive SLIC interface
s
Few or no SLIC/codec interface components
required
s
Analog and digital loopbacks
s
Sigma-delta converters with dither noise reduction
s
Serial microcontroller control interface
s
Available in 64-pin MQFP and TQFP packages
General Description
The Multichannel Programmable Codec Chip Set is
comprised of the T8531 16-channel line card signal
processor and one or two custom T8532 octal A/D
and D/A converters. A ROM-coded tone plant is
included on the signal processor. Together these
devices achieve a highly integrated and highly pro-
grammable multichannel voice codec solution.
Software is provided to compute the gain and filter
coefficients required to program the codec.
5-3793F (F)
Figure 1. System Block Diagram
T8532
OCTAL
A/D
D/A
T8532
OCTAL
A/D
D/A
T8531
DIGITAL
SIGNAL
PROCESSOR
VTX (8)
VRP (8)
VRN (8)
VTX (8)
VRP (8)
VRN (8)
2
3
2
3
CK16
VRTX (8)
VRTX (8)
PCM
INTERFACE
MICROPROCESSOR
INTERFACE
ASIC


Similar Part No. - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
More results

Similar Description - T8531

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8502 AGERE-T8502 Datasheet
440Kb / 16P
   T8502 and T8503 Dual PCM Codecs with Filters
T7504 AGERE-T7504 Datasheet
221Kb / 18P
   T7504 and T75504 Quad PCM Codecs with Filters
T7502 AGERE-T7502 Datasheet
417Kb / 16P
   T7502 Dual PCM Codec with Filters
T7503 AGERE-T7503 Datasheet
417Kb / 16P
   T7503 Dual PCM Codec with Filters
T7507 AGERE-T7507 Datasheet
558Kb / 30P
   T7507 Quad PCM Codec with Filters, Termination Impedance, and Hybrid Balance
logo
California Micro Device...
G8912B CALMIRCO-G8912B Datasheet
373Kb / 8P
   CMOS PCM Transmit/receive Filters
logo
Winbond
W682510 WINBOND-W682510_05 Datasheet
389Kb / 35P
    DUAL-CHANNEL VOICEBAND CODECS
W682510 WINBOND-W682510 Datasheet
1Mb / 35P
   DUAL-CHANNEL VOICEBAND CODECS
logo
Zarlink Semiconductor I...
ZL38005 ZARLINK-ZL38005 Datasheet
115Kb / 8P
   Enhanced Voice Processor with Dual Wideband Codecs
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
   CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com