Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8536B Datasheet(PDF) 11 Page - Agere Systems

Part # T8536B
Description  T8535B/T8536B Quad Programmable Codec
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

T8536B Datasheet(HTML) 11 Page - Agere Systems

Back Button T8536B Datasheet HTML 7Page - Agere Systems T8536B Datasheet HTML 8Page - Agere Systems T8536B Datasheet HTML 9Page - Agere Systems T8536B Datasheet HTML 10Page - Agere Systems T8536B Datasheet HTML 11Page - Agere Systems T8536B Datasheet HTML 12Page - Agere Systems T8536B Datasheet HTML 13Page - Agere Systems T8536B Datasheet HTML 14Page - Agere Systems T8536B Datasheet HTML 15Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
Agere Systems Inc.
11
Preliminary Data Sheet
September 2001
T8535B/T8536B Quad Programmable Codec
Pin Information (continued)
5-7187dF
Figure 5. 64-Pin TQFP Pin Diagram
Table 7. Pin Assignments, 64-Pin TQFP, Per-Channel Functions
Ckt
Name
Type
Name/Description
ab
c
d
9
212234
AGND
GND
Analog Ground. A common AGND, DGND, SGND plane is
highly recommended.
8
202335
VDD
PWR
Analog Power Supply.
7
192436
VFXII
Voice Frequency Transmit Input. This node requires a
10 M
Ω or 20 MΩ resistance to AGND. The value is dependent
upon the gain of the XAG amplifier (register 146). 20 M
Ω can
be used for any gain setting, 10 M
Ω can only be used for XAG
gain settings of 0 dB and +6.02 dB.
6
182537
VFROP
O
Voice Frequency Receive Output, Positive Polarity. This
pin can drive 2000
Ω (or greater) loads.
5
172638
VFRON
O
Voice Frequency Receive Output, Negative Polarity. This
pin can drive 2000
Ω (or greater) loads.
4
162839
SLIC0
I/O
SLIC Control 0.
3
142940
SLIC1
I/O
SLIC Control 1.
64
13
30
51
SLIC2
I/O
SLIC Control 2.
63
12
31
52
SLIC3
I/O
SLIC Control 3.
62
10
33
53
SLIC4
I/O
SLIC Control 4.
60 59 58 57 56 55 54 53 52
61
62
63
64
51 50 49
30
28
27
26
25
24
23
22
21
20
29
VDD
SLIC0b
31 32
19
18
17
SLIC1b
13
12
11
10
9
8
7
6
5
4
SLIC0a
VDDa
FILTV
SGND
DGND
SLIC2b
VFROPa
14
15
16
3
2
1
SLIC1a
VFXIa
AGNDa
SLIC4b
SLIC3b
VFRONa
36
38
39
40
41
42
43
44
45
46
37
SLIC1d
VFXId
DX0
DGND
FS
AGNDd
VFRONd
35
34
33
47
48
VDD
VFROPd
BCLK
VDDd
SLIC4c
SLIC0d
DX1
TSX0
DR0


Similar Part No. - T8536B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8531 AGERE-T8531 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8531A AGERE-T8531A Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8532 AGERE-T8532 Datasheet
999Kb / 48P
   T8502 and T8503 Dual PCM Codecs with Filters
T8532 AGERE-T8532 Datasheet
888Kb / 50P
   T8531A/8532 Multichannel Programmable Codec Chip Set
T8533 AGERE-T8533 Datasheet
890Kb / 48P
   T8533/34 Quad Programmable Line Card Signal Processor
More results

Similar Description - T8536B

ManufacturerPart #DatasheetDescription
logo
Agere Systems
T8538B AGERE-T8538B Datasheet
847Kb / 44P
   T8538B Quad Programmable Codec
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
Integrated Device Techn...
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com