Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT1N10E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MMFT1N10E
Description  MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT1N10E Datasheet(HTML) 2 Page - Motorola, Inc

  MMFT1N10E Datasheet HTML 1Page - Motorola, Inc MMFT1N10E Datasheet HTML 2Page - Motorola, Inc MMFT1N10E Datasheet HTML 3Page - Motorola, Inc MMFT1N10E Datasheet HTML 4Page - Motorola, Inc MMFT1N10E Datasheet HTML 5Page - Motorola, Inc MMFT1N10E Datasheet HTML 6Page - Motorola, Inc MMFT1N10E Datasheet HTML 7Page - Motorola, Inc MMFT1N10E Datasheet HTML 8Page - Motorola, Inc MMFT1N10E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMFT1N10E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–to–Source Breakdown Voltage, (VGS = 0, ID = 250 µA)
V(BR)DSS
100
Vdc
Zero Gate Voltage Drain Current, (VDS = 100 V, VGS = 0)
IDSS
10
µAdc
Gate–Body Leakage Current, (VGS = 20 V, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS
Gate Threshold Voltage, (VDS = VGS, ID = 1 mA)
VGS(th)
2
4.5
Vdc
Static Drain–to–Source On–Resistance, (VGS = 10 V, ID = 0.5 A)
RDS(on)
0.25
Ohms
Drain–to–Source On–Voltage, (VGS = 10 V, ID = 1 A)
VDS(on)
0.33
Vdc
Forward Transconductance, (VDS = 10 V, ID = 0.5 A)
gFS
2.2
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 20 V,
VGS = 0,
f = 1 MHz)
Ciss
410
pF
Output Capacitance
(VDS = 20 V,
VGS = 0,
f = 1 MHz)
Coss
145
pF
Reverse Transfer Capacitance
f = 1 MHz)
Crss
55
SWITCHING CHARACTERISTICS
Turn–On Delay Time
(VDD = 25 V, ID = 0.5 A
VGS = 10 V, RG = 50 ohms,
RGS = 25 ohms)
td(on)
15
ns
Rise Time
(VDD = 25 V, ID = 0.5 A
VGS = 10 V, RG = 50 ohms,
RGS = 25 ohms)
tr
15
ns
Turn–Off Delay Time
VGS = 10 V, RG = 50 ohms,
RGS = 25 ohms)
td(off)
30
ns
Fall Time
GS = 25 ohms)
tf
32
Total Gate Charge
(VDS = 80 V, ID = 1 A,
VGS = 10 Vdc)
See Figures 15 and 16
Qg
7
nC
Gate–Source Charge
(VDS = 80 V, ID = 1 A,
VGS = 10 Vdc)
See Figures 15 and 16
Qgs
1.3
nC
Gate–Drain Charge
See Figures 15 and 16
Qgd
3.2
SOURCE DRAIN DIODE CHARACTERISTICS(1)
Forward On–Voltage
IS = 1 A, VGS = 0
VSD
0.8
Vdc
Forward Turn–On Time
IS = 1 A, VGS = 0,
dlS/dt = 400 A/µs,
VR = 50 V
ton
Limited by stray inductance
Reverse Recovery Time
dlS/dt = 400 A/µs,
VR = 50 V
trr
90
ns
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%


Similar Part No. - MMFT1N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
logo
ON Semiconductor
MMFT107T1 ONSEMI-MMFT107T1 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T1D ONSEMI-MMFT107T1D Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
MMFT107T3 ONSEMI-MMFT107T3 Datasheet
78Kb / 8P
   Power MOSFET 250 mA, 200 Volts
November, 2000 ??Rev. 4
logo
Motorola, Inc
MMFT108T1 MOTOROLA-MMFT108T1 Datasheet
91Kb / 6P
   TMOS FET TRANSISTOR N-CHANNEL - ENHANCEMENT
More results

Similar Description - MMFT1N10E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT2955E MOTOROLA-MMFT2955E Datasheet
178Kb / 10P
   TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MTB33N10E MOTOROLA-MTB33N10E Datasheet
266Kb / 10P
   TMOS POWER FET 33 AMPERES 100 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT107T1 MOTOROLA-MMFT107T1 Datasheet
118Kb / 6P
   MEDIUM POWER TMOS FET 250 mA, 200 VOLTS
MMFT2406T1 MOTOROLA-MMFT2406T1 Datasheet
90Kb / 6P
   MEDIUM POWER TMOS FET 700 mA 240 VOLTS
MMFT5P03HD MOTOROLA-MMFT5P03HD Datasheet
198Kb / 12P
   TMOS MEDIUM POWER FET 5.2 AMPERES 30 VOLTS
MTB40N10E MOTOROLA-MTB40N10E Datasheet
192Kb / 10P
   TMOS POWER FET 40 AMPERES 100 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com