Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24051YJL Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC24051YJL
Description  12V, 6A High-Efficiency Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24051YJL Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC24051YJL Datasheet HTML 1Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 2Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 3Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 4Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 5Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 6Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 7Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 8Page - Micrel Semiconductor MIC24051YJL Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
MIC24051
12V, 6A High-Efficiency Buck Regulator
SuperSwitcher II
HyperLight Load is a registered trademark of Micrel, Inc.
Hyper Speed Control, SuperSwitcher II, and Any Capacitor are trademarks of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
November 2012
M9999-112612-A
General Description
The Micrel MIC24051 is a constant-frequency, synchronous
buck regulator featuring a unique adaptive on-time control
architecture. The MIC24051 operates over an input supply
range of 4.5V to 19V and provides a regulated output of up to
6A of output current. The output voltage is adjustable down to
0.8V with a guaranteed accuracy of ±1%, and the device
operates at a switching frequency of 600kHz.
Micrel’s Hyper Speed Control
 architecture allows for ultra-
fast transient response while reducing the output capacitance
and also makes (High VIN)/(Low VOUT) operation possible.
This adaptive tON ripple control architecture combines the
advantages of fixed-frequency operation and fast transient
response in a single device.
The MIC24051 offers a full suite of protection features to
ensure protection of the IC during fault conditions. These
include undervoltage lockout to ensure proper operation
under power-sag conditions, internal soft-start to reduce
inrush current, foldback current limit, “hiccup mode” short-
circuit protection and thermal shutdown. An open-drain
Power Good (PG) pin is provided.
The 6A HyperLight Load
® part, MIC24052, is also available
on Micrel’s web site.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
Features
Hyper Speed Control architecture enables
-
High delta V operation (VIN = 19V and VOUT = 0.8V)
-
Small output capacitance
4.5V to 19V voltage input
6A output current capability, up to 95% efficiency
Adjustable output from 0.8V to 5.5V
±1% feedback accuracy
Any Capacitor
 stable - zero-to-high ESR
600kHz switching frequency
No external compensation
Power Good (PG) output
Foldback current-limit and “hiccup mode” short-circuit
protection
Supports safe start-up into a pre-biased load
–40
°C to +125°C junction temperature range
Available in 28-pin 5mm
× 6mm QFN package
Applications
Servers and work stations
Routers, switches, and telecom equipment
Base stations
_________________________________________________________________________________________________________________________
Typical Application
Efficiency (VIN = 12V)
vs. Output Current
50
55
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V


Similar Part No. - MIC24051YJL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC24051YJL MICROCHIP-MIC24051YJL Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - MIC24051YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24054 MICREL-MIC24054 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-06 ETC2-ZSPM4022-06 Datasheet
1Mb / 38P
   12V/6A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-06 RENESAS-ZSPM4022-06 Datasheet
1Mb / 37P
   12V/6A Synchronous DC/DC Buck Regulator
January 28, 2016
logo
Micrel Semiconductor
MIC22602 MICREL-MIC22602 Datasheet
855Kb / 24P
   1MHz, 6A Integrated Switch High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8016_1105 INTERSIL-ISL8016_1105 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
ISL8016 INTERSIL-ISL8016 Datasheet
1Mb / 22P
   6A Low Quiescent Current High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com