Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24054 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC24054
Description  12V, 9A High-Efficiency Buck Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC24054 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC24054 Datasheet HTML 4Page - Micrel Semiconductor MIC24054 Datasheet HTML 5Page - Micrel Semiconductor MIC24054 Datasheet HTML 6Page - Micrel Semiconductor MIC24054 Datasheet HTML 7Page - Micrel Semiconductor MIC24054 Datasheet HTML 8Page - Micrel Semiconductor MIC24054 Datasheet HTML 9Page - Micrel Semiconductor MIC24054 Datasheet HTML 10Page - Micrel Semiconductor MIC24054 Datasheet HTML 11Page - Micrel Semiconductor MIC24054 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Micrel, Inc.
MIC24054
October 2012
8
M9999-102512-A
Typical Characteristics (Continued)
Feedback Voltage
vs. Output Current
0.792
0.796
0.800
0.804
0.808
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
Output Voltage
vs. Output Current
1.782
1.787
1.791
1.796
1.800
1.805
1.810
1.814
1.819
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
Line Regulation
vs. Output Current
-1.0%
-0.5%
0.0%
0.5%
1.0%
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 4.5V to 19V
VOUT = 1.8V
Switching Frequency
vs. Output Current
500
550
600
650
700
2
4
6
8
10
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
Output Voltage (VIN = 5V)
vs. Output Current
3.0
3.4
3.8
4.2
4.6
5.0
0
2
4
6
8
10
12
OUTPUT CURRENT (A)
TA
25ºC
85ºC
125ºC
VIN = 5V
VFB < 0.8V
Die Temperature* (VIN = 5V)
vs. Output Current
0
20
40
60
80
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 1.8V
Die Temperature* (VIN = 12V)
vs. Output Current
0
20
40
60
80
0
2
3
5
6
8
9
OUTPUT CURRENT (A)
VIN = 12V
VOUT = 1.8V
IC Power Dissipation (VIN = 5V)
vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VIN = 5V
VOUT = 3.3V
VOUT = 0.8V
IC Power Dissipation (VIN = 12V)
vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1.5
3
4.5
6
7.5
9
OUTPUT CURRENT (A)
VOUT = 5.0V
VOUT = 0.8V
VIN = 12V
Die Temperature* : The temperature measurement was taken at the hottest point on the MIC24054 case mounted on a 5 square inch 4 layer, 0.62”,
FR-4 PCB with 2oz finish copper weight per layer, see Thermal Measurement section. Actual results will depend upon the size of the PCB, ambient
temperature and proximity to other heat emitting components.


Similar Part No. - MIC24054

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051 MICROCHIP-MIC24051 Datasheet
1Mb / 34P
   No External Compensation
11/07/16
logo
Micrel Semiconductor
MIC24051YJL MICREL-MIC24051YJL Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
Microchip Technology
MIC24051YJL MICROCHIP-MIC24051YJL Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
More results

Similar Description - MIC24054

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24053 MICREL-MIC24053 Datasheet
1Mb / 30P
   12V, 9A High-Efficiency Buck Regulator
MIC24055 MICREL-MIC24055 Datasheet
1Mb / 29P
   12V, 12A High-Efficiency Buck Regulator
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
MIC24056 MICREL-MIC24056 Datasheet
1Mb / 30P
   12V, 12A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
   12V, 6A High-Efficiency Buck Regulator
logo
List of Unclassifed Man...
ZSPM4022-09 ETC2-ZSPM4022-09 Datasheet
1Mb / 38P
   12V/9A Synchronous DC/DC Buck Regulator
logo
Renesas Technology Corp
ZSPM4022-09 RENESAS-ZSPM4022-09 Datasheet
1Mb / 37P
   12V/9A Synchronous DC/DC Buck Regulator
January 25, 2016
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
logo
Linear Technology
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com