Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTRN012G5 Datasheet(PDF) 8 Page - Agere Systems

Part # TTRN012G5
Description  TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTRN012G5 Datasheet(HTML) 8 Page - Agere Systems

Back Button TTRN012G5 Datasheet HTML 4Page - Agere Systems TTRN012G5 Datasheet HTML 5Page - Agere Systems TTRN012G5 Datasheet HTML 6Page - Agere Systems TTRN012G5 Datasheet HTML 7Page - Agere Systems TTRN012G5 Datasheet HTML 8Page - Agere Systems TTRN012G5 Datasheet HTML 9Page - Agere Systems TTRN012G5 Datasheet HTML 10Page - Agere Systems TTRN012G5 Datasheet HTML 11Page - Agere Systems TTRN012G5 Datasheet HTML 12Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TTRN012G5 and TTRN012G7
Preliminary Data Sheet
Clock Synthesizer, 16:1 Data Multiplexer
August 2000
8
Lucent Technologies Inc.
Pin Information (continued)
Table 3. Pin Descriptions—Reset and Test Signals
* Differential pairs are indicated by P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu indicates an internal pull-up resistor on this pin.
Table 4. Pin Descriptions—Power and No-Connect Signals
Note: VCCA and VCCD have the same dc value, which is represented as VCC unless otherwise specified. However,
high-frequency filtering is suggested between the individual supplies.
* Differential pairs are indicated by P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu indicates an internal pull-up resistor on this pin.
Pin
Symbol*
Type
Level
Name/Description
40
RESETN
Iu
CMOS
Reset (Active-Low). Resets all synchronous logic. During a
reset, the true data outputs are in the low state and the barred
data outputs are in the high state.
0 = reset
1 or no connection = normal operation
6
TSTCKP
I
CML
Test Clock Input. Buffer is powered down when TESTN = 1.
8TSTCKN
10
TESTN
Iu
CMOS
Test Clock Select (Active-Low).
0 = select test clock
1 or no connection = select internal VCO
Pin
Symbol*
Type
Level
Name/Description
108, 109, 114,
126, 127
VCCA
IPower
Analog Power Supply (3.3 V).
2, 3, 5, 7, 9,
12, 20, 24, 29,
34, 35, 48, 51,
54, 63, 70, 80,
90, 104, 107
VCCD
IPower
Digital Power Supply (3.3 V).
1, 4, 13, 16,
19, 25, 28, 31,
32, 37—39,
55, 58, 64, 65,
75, 85, 95,
100—103,
117—124, 128
GND
I
Ground
Ground.
36, 45, 115,
116, 125
NC
No Connection. Pin 45 has an internal pull-up resistance
of approximately 25 k
Ω. All of these pins must be left open.


Similar Part No. - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
TTRN-038S TCE-TTRN-038S Datasheet
127Kb / 1P
   Transformer
TTRN-0520H TCE-TTRN-0520H Datasheet
127Kb / 1P
   Transformer
TTRN-0525PH TCE-TTRN-0525PH Datasheet
126Kb / 1P
   Transformer
TTRN-0530H TCE-TTRN-0530H Datasheet
126Kb / 1P
   Transformer
TTRN-060S TCE-TTRN-060S Datasheet
120Kb / 1P
   Transformer
More results

Similar Description - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com