Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TTRN012G5 Datasheet(PDF) 5 Page - Agere Systems

Part # TTRN012G5
Description  TTRN012G5 (2.5 Gbits/s) and TTRN012G7 (2.5 Gbits/s and 2.7 Gbits/s) Clock Synthesizer, 16:1 Data Multiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

TTRN012G5 Datasheet(HTML) 5 Page - Agere Systems

  TTRN012G5 Datasheet HTML 1Page - Agere Systems TTRN012G5 Datasheet HTML 2Page - Agere Systems TTRN012G5 Datasheet HTML 3Page - Agere Systems TTRN012G5 Datasheet HTML 4Page - Agere Systems TTRN012G5 Datasheet HTML 5Page - Agere Systems TTRN012G5 Datasheet HTML 6Page - Agere Systems TTRN012G5 Datasheet HTML 7Page - Agere Systems TTRN012G5 Datasheet HTML 8Page - Agere Systems TTRN012G5 Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Preliminary Data Sheet
TTRN012G5 and TTRN012G7
August 2000
Clock Synthesizer, 16:1 Data Multiplexer
5
Lucent Technologies Inc.
Pin Information (continued)
Table 1. Pin Descriptions—2.5 Gbits/s and Related Signals
Note: In Table 1, when operating the TTRN012G7 device at the OC-48/STM-16 rate, 2.5 Gbits/s should be inter-
preted as 2.48832 Gbits/s. When operating the TTRN012G7 device at the RS FEC OC-48/STM-16 rate,
2.5 Gbits/s should be interpreted as 2.66606 Gbits/s. (A similar interpretation should be made for 2.5 GHz.)
* Differential pairs are indicated by P and N suffixes. For nondifferential pins, N at the end of the symbol name designates active-low.
† I = input, O = output. Iu indicates an internal pull-up resistor on this pin.
Pin
Symbol*
Type
Level
Name/Description
14
D2G5P
O
CML
Data Output (2.5 Gbits/s NRZ). 2.5 Gbits/s differential data
output.
15
D2G5N
27
LBDP
O
CML
Loopback Data Output. Additional 2.5 Gbits/s differential data
output for system loopback.
26
LBDN
17
CK2G5P
O
CML
Clock Output (2.5 GHz). 2.5 GHz differential clock output.
18
CK2G5N
23
RREF1
I
Analog
Resistor Reference 1. CML current bias reference resistor.
(See Table 15, page 18 for values.)
22
RREF2
I
Analog
Resistor Reference 2. CML bias reference resistor. Connect a
1.5 k
Ω resistor to VCCD.
21
ENCK2G5
Iu
CMOS
Enable CK2G5P/N Clock Output.
0 = CK2G5P/N buffer powered off
1 or no connection = CK2G5P/N buffer enabled
30
ENLBDN
Iu
CMOS
Enable LBDP/N Data Output (Active-Low).
0 = LBDP/N buffer enabled
1 or no connection = LBDP/N buffer powered off
11
INVDATN
Iu
CMOS
Invert D2G5P/N Data Output (Active-Low).
0 = invert
1 or no connection = noninvert


Similar Part No. - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Tokyo Coil Engineering ...
TTRN-038S TCE-TTRN-038S Datasheet
127Kb / 1P
   Transformer
TTRN-0520H TCE-TTRN-0520H Datasheet
127Kb / 1P
   Transformer
TTRN-0525PH TCE-TTRN-0525PH Datasheet
126Kb / 1P
   Transformer
TTRN-0530H TCE-TTRN-0530H Datasheet
126Kb / 1P
   Transformer
TTRN-060S TCE-TTRN-060S Datasheet
120Kb / 1P
   Transformer
More results

Similar Description - TTRN012G5

ManufacturerPart #DatasheetDescription
logo
Agere Systems
TRCV012G5 AGERE-TRCV012G5 Datasheet
500Kb / 28P
   TRCV012G5 (2.5 Gbits/s) and TRCV012G7 (2.5 Gbits/s and 2.7 Gbits/s) Limiting Amplifier, Clock Recovery, 1:16 Data Demultiplexer
ORLI10G AGERE-ORLI10G Datasheet
1Mb / 72P
   Quad 2.5 Gbits/s 10 Gbits/s, and 12.5 Gbits/s Line Interface FPSC
logo
NXP Semiconductors
TZA3014 PHILIPS-TZA3014 Datasheet
162Kb / 28P
   2.5 Gbits/s postamplifier with level detector
2001 Jun 25
logo
Agere Systems
TA16 AGERE-TA16 Datasheet
476Kb / 28P
   TA16-Type 2.5 Gbits/s Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K5A AGERE-1417K5A Datasheet
159Kb / 14P
   NetLight 1417K5A 2.5 Gbits/s 1300 nm Laser Transceiver with Clock and Data Recovery
2417K4A AGERE-2417K4A Datasheet
129Kb / 12P
   NetLight 2417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
CA16 AGERE-CA16 Datasheet
464Kb / 30P
   CA16-Type 2.5 Gbits/s DWDM Transponder with 16-Channel 155 Mbits/s Multiplexer/Demultiplexer
1417K6S AGERE-1417K6S Datasheet
205Kb / 14P
   NetLight 1417K6S 2.5 Gbits/s 1300 nm Laser Transceiver
D374 AGERE-D374 Datasheet
56Kb / 8P
   D374-Type Digital Uncooled 2.5 Gbits/s Laser Module
1417K4A AGERE-1417K4A Datasheet
194Kb / 10P
   NetLight 1417K4A 1300 nm Laser 2.5 Gbits/s Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com