Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMFT2955E Datasheet(PDF) 6 Page - Motorola, Inc

Part # MMFT2955E
Description  TMOS MEDIUM POWER FET 1.2 AMP 60 VOLTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MMFT2955E Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MMFT2955E Datasheet HTML 2Page - Motorola, Inc MMFT2955E Datasheet HTML 3Page - Motorola, Inc MMFT2955E Datasheet HTML 4Page - Motorola, Inc MMFT2955E Datasheet HTML 5Page - Motorola, Inc MMFT2955E Datasheet HTML 6Page - Motorola, Inc MMFT2955E Datasheet HTML 7Page - Motorola, Inc MMFT2955E Datasheet HTML 8Page - Motorola, Inc MMFT2955E Datasheet HTML 9Page - Motorola, Inc MMFT2955E Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MMFT2955E
6
Motorola TMOS Power MOSFET Transistor Device Data
Figure 14. Capacitance Variation with Voltage
SAME
DEVICE TYPE
AS DUT
Vin
+18 V
VDD
10 V
100 k
0.1
µF
FERRITE
BEAD
DUT
100
2N3904
2N3904
47 k
15 V
100 k
Vin = 15 Vpk; PULSE WIDTH ≤ 100 µs, DUTY CYCLE ≤ 10%.
1mA
47 k
1000
800
200
400
600
0
Figure 15. Gate Charge versus Gate–To–Source Voltage
GATE–TO–SOURCE OR DRAIN–TO–SOURCE VOLTAGE (VOLTS)
Ciss
Figure 16. Gate Charge Test Circuit
1200
1400
1600
1800
Crss
Coss
Ciss
Coss
Crss
VGS
15
10
5
0
5
10
15
20
VDS
Qg, TOTAL GATE CHARGE (nC)
0
10
3
7.5
13
20
9
8
7
6
5
4
3
2
1
0
TJ = 25°C
VDS = 48 V
ID = 1.2 A
VGS
VDS
TJ = 25°C
f = 1 MHz


Similar Part No. - MMFT2955E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMFT2955E ONSEMI-MMFT2955E Datasheet
209Kb / 6P
   Power MOSFET
August, 2006 ??Rev. 7
MMFT2955ET1 ONSEMI-MMFT2955ET1 Datasheet
209Kb / 6P
   Power MOSFET
August, 2006 ??Rev. 7
MMFT2955ET1G ONSEMI-MMFT2955ET1G Datasheet
209Kb / 6P
   Power MOSFET
August, 2006 ??Rev. 7
MMFT2955ET3 ONSEMI-MMFT2955ET3 Datasheet
209Kb / 6P
   Power MOSFET
August, 2006 ??Rev. 7
More results

Similar Description - MMFT2955E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055E MOTOROLA-MMFT3055E Datasheet
238Kb / 10P
   MEDIUM POWER TMOS FET 1.7 AMP 60 VOLTS
MMFT3055EL MOTOROLA-MMFT3055EL Datasheet
236Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.5 AMP 60 VOLTS
MMFT960T1 MOTOROLA-MMFT960T1 Datasheet
122Kb / 6P
   MEDIUM POWER TMOS FET 300 mA 60 VOLTS
MMFT1N10E MOTOROLA-MMFT1N10E Datasheet
236Kb / 10P
   MEDIUM POWER TMOS FET 1 AMP 100 VOLTS
MTB60N06HD MOTOROLA-MTB60N06HD Datasheet
280Kb / 12P
   TMOS POWER FET 60 AMPERES 60 VOLTS
MMFT2N02EL MOTOROLA-MMFT2N02EL Datasheet
250Kb / 10P
   MEDIUM POWER LOGIC LEVEL TMOS FET 1.6 AMP 20 VOLTS
MTB23P06E MOTOROLA-MTB23P06E Datasheet
280Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTD15N06V MOTOROLA-MTD15N06V Datasheet
218Kb / 10P
   TMOS POWER FET 15 AMPERES 60 VOLTS
MTB23P06V MOTOROLA-MTB23P06V Datasheet
249Kb / 10P
   TMOS POWER FET 23 AMPERES 60 VOLTS
MTB30P06V MOTOROLA-MTB30P06V Datasheet
247Kb / 10P
   TMOS POWER FET 30 AMPERES 60 VOLTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com