Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVB3011 Datasheet(PDF) 11 Page - Agere Systems

Part # EVB3011
Description  1 GHz Quadrature Modulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

EVB3011 Datasheet(HTML) 11 Page - Agere Systems

Back Button EVB3011 Datasheet HTML 4Page - Agere Systems EVB3011 Datasheet HTML 5Page - Agere Systems EVB3011 Datasheet HTML 6Page - Agere Systems EVB3011 Datasheet HTML 7Page - Agere Systems EVB3011 Datasheet HTML 8Page - Agere Systems EVB3011 Datasheet HTML 9Page - Agere Systems EVB3011 Datasheet HTML 10Page - Agere Systems EVB3011 Datasheet HTML 11Page - Agere Systems EVB3011 Datasheet HTML 12Page - Agere Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
W3011
September 1999
1 GHz Quadrature Modulator
Lucent Technologies Inc.
11
Package Outline
20-Pin TSSOP
Dimensions are in millimeters.
4.3/4.5
SEE DETAIL A
0.090/0.20
0.90 ± 0.05
-E-
11
20
10
1
1.00
1.00
1.00
0.254
E
M
M
6.25/6.5
BASE METAL
WITH PLATING
DETAIL C
0.22
± 0.03
0.19/0.30
0.090/0.135
0.090/0.20
SEATING
PLANE
DETAIL B
1
0.076 C
0.65 BSC
1.10
MAX
0.15
MAX
6.50 ± 0.10
0.25 BSC
DETAIL A
0.60 ± 0.10
8
SEE DETAIL C
DETAIL B
5-5499


Similar Part No. - EVB3011

ManufacturerPart #DatasheetDescription
logo
Agere Systems
EVB3013A AGERE-EVB3013A Datasheet
145Kb / 12P
   W3013 Indirect Quadrature Modulator with Gain Control
More results

Similar Description - EVB3011

ManufacturerPart #DatasheetDescription
logo
NEC
UPC8110GR-E1 NEC-UPC8110GR-E1 Datasheet
42Kb / 4P
   1 GHz QUADRATURE MODULATOR
UPC8110GR NEC-UPC8110GR_00 Datasheet
75Kb / 6P
   1 GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346 Datasheet
190Kb / 12P
   0.8 GHz-2.5 GHz Quadrature Modulator
REV. 0
logo
Texas Instruments
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3701 TI-TRF3701 Datasheet
79Kb / 5P
[Old version datasheet]   0.6 GHz to 1.0 GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF3702 TI-TRF3702 Datasheet
655Kb / 36P
[Old version datasheet]   1.5-GHz to 2.5-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346 AD-AD8346_15 Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com