Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCW3020CCS-DB Datasheet(PDF) 10 Page - Agere Systems

Part # LUCW3020CCS-DB
Description  GSM Multiband RF Transceiver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCW3020CCS-DB Datasheet(HTML) 10 Page - Agere Systems

Back Button LUCW3020CCS-DB Datasheet HTML 6Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 7Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 8Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 9Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 10Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 11Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 12Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 13Page - Agere Systems LUCW3020CCS-DB Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
Advance Data Sheet
W3020 GSM Multiband RF Transceiver
December 1999
10
Lucent Technologies Inc.
LNA
The W3020 contains two on-chip LNAs, one to operate in the GSM900 band and one to operate in the
GSM1800/1900 bands. The GSM900 operation is combined with the GSM1800 band operation in a dual-band
terminal. Only one LNA operates at a time. The two on-chip LNAs with external matching networks are 50
single-ended input, single-ended output type. Switching between the LNAs is determined by the band bit B and
the gain control bit G0 in the TR register, as described in the Programming Information section.
Table 2. GSM900 LNA Performance
VDD = 2.7 Vdc; TA = 25 °C ± 3 °C.
Parameter
Min
Typ
Max
Unit
RF Input Band
925
960
MHz
Current Consumption (collector current)
3.5
mA
Noise Figure*
2.0
dB
Power Gain (942 MHz)*
20
dB
Input 1 dB Compression Level
–20
–15
dBm
Input Return Loss
14
dB
Off-state Gain
–51
dB
* All gain and NF include matching losses. Not tested in production.
Table 3. GSM1800/1900 LNA Performance
VDD = 2.7 Vdc; TA = 25 °C ± 3 °C.
Parameter
Min
Typ
Max
Unit
RF Input Band:
GSM1800
1805
1880
MHz
GSM1900
1930
1990
MHz
Current Consumption (collector current)
3.5
mA
Noise Figure*
3.0
dB
Power Gain (1842 MHz)*
19
dB
Input 1 dB Compression Level
–20
–16.5
dBm
Input Return Loss
15
dB
Off-state Gain
–38
dB
* All gain and NF include matching losses. Not tested production.


Similar Part No. - LUCW3020CCS-DB

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCW3000CCN AGERE-LUCW3000CCN Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3000CCN-TR AGERE-LUCW3000CCN-TR Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3011FCL AGERE-LUCW3011FCL Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
LUCW3030ACA AGERE-LUCW3030ACA Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
LUCW3030ACA-DB AGERE-LUCW3030ACA-DB Datasheet
429Kb / 22P
   W3030 3 V Dual-Mode IF Cellular Receiver
More results

Similar Description - LUCW3020CCS-DB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6903 TI-TRF6903 Datasheet
532Kb / 36P
[Old version datasheet]   SINGLE CHIP MULTIBAND RF TRANSCEIVER
TRF6903 TI1-TRF6903_08 Datasheet
726Kb / 39P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSCEIVER
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
logo
Skyworks Solutions Inc.
SKY78021 SKYWORKS-SKY78021 Datasheet
86Kb / 2P
   Multimode Multiband FEM for Quad- Band GSM
logo
NXP Semiconductors
UAA3587 PHILIPS-UAA3587 Datasheet
50Kb / 2P
   Complete, single-package GSM/GPRS/EDGE RF transceiver
September 2004
logo
Texas Instruments
TRF4903 TI1-TRF4903_13 Datasheet
396Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Skyworks Solutions Inc.
SKY78071 SKYWORKS-SKY78071 Datasheet
96Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
logo
Texas Instruments
TRF4903 TI-TRF4903 Datasheet
378Kb / 26P
[Old version datasheet]   SINGLE-CHIP MULTIBAND RF TRANSMITTER
logo
Skyworks Solutions Inc.
SKY78072 SKYWORKS-SKY78072 Datasheet
518Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
SKY78070 SKYWORKS-SKY78070 Datasheet
517Kb / 3P
   Multimode Multiband Front-End Module for Quad-Band GSM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com