Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LUCW3030ACA Datasheet(PDF) 2 Page - Agere Systems

Part # LUCW3030ACA
Description  W3030 3 V Dual-Mode IF Cellular Receiver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems

LUCW3030ACA Datasheet(HTML) 2 Page - Agere Systems

  LUCW3030ACA Datasheet HTML 1Page - Agere Systems LUCW3030ACA Datasheet HTML 2Page - Agere Systems LUCW3030ACA Datasheet HTML 3Page - Agere Systems LUCW3030ACA Datasheet HTML 4Page - Agere Systems LUCW3030ACA Datasheet HTML 5Page - Agere Systems LUCW3030ACA Datasheet HTML 6Page - Agere Systems LUCW3030ACA Datasheet HTML 7Page - Agere Systems LUCW3030ACA Datasheet HTML 8Page - Agere Systems LUCW3030ACA Datasheet HTML 9Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Data Sheet
W3030 3 V Dual-Mode IF Cellular Receiver
April 1999
Lucent Technologies Inc.
2
Table of Contents
Features...............................................................................................................................................................1
Applications .........................................................................................................................................................1
Description ...........................................................................................................................................................3
Pin Information.....................................................................................................................................................5
Absolute Maximum Ratings..................................................................................................................................7
Handling Precautions ...........................................................................................................................................7
Operating Ranges ................................................................................................................................................8
Electrical Specifications .......................................................................................................................................8
RSSI ..................................................................................................................................................................11
Quadrature Detector...........................................................................................................................................11
Quad Tank S-Curves ......................................................................................................................................12
Test Circuit Diagram ..........................................................................................................................................14
Characteristic Curves .........................................................................................................................................15
Outline Diagram .................................................................................................................................................20
32-Pin TQFP......................................................................................................................................................20
Manufacturing Information .................................................................................................................................21
Ordering Information ..........................................................................................................................................21


Similar Part No. - LUCW3030ACA

ManufacturerPart #DatasheetDescription
logo
Agere Systems
LUCW3000CCN AGERE-LUCW3000CCN Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3000CCN-TR AGERE-LUCW3000CCN-TR Datasheet
327Kb / 28P
   W3000 PLL Dual-Band Frequency Synthesizer
LUCW3011FCL AGERE-LUCW3011FCL Datasheet
199Kb / 12P
   1 GHz Quadrature Modulator
LUCW3020CCS AGERE-LUCW3020CCS Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
LUCW3020CCS-DB AGERE-LUCW3020CCS-DB Datasheet
409Kb / 44P
   GSM Multiband RF Transceiver
More results

Similar Description - LUCW3030ACA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6459 AD-AD6459 Datasheet
314Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6458 AD-AD6458 Datasheet
268Kb / 12P
   GSM 3 V Receiver IF Subsystem
REV. 0
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
   Dual IF Receiver
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
   Dual IF Receiver
AD6642 AD-AD6642 Datasheet
1Mb / 32P
   Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
   Dual IF Receiver
REV. A
AD6643 AD-AD6643_12 Datasheet
1Mb / 40P
   Dual IF Receiver
AD607ARSZ AD-AD607ARSZ Datasheet
1Mb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. C
AD61009 AD-AD61009_15 Datasheet
262Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
AD61009 AD-AD61009 Datasheet
261Kb / 24P
   Low Power Mixer 3 V Receiver IF Subsystem
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com