Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100301 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100301
Description  Low Power Triple 5-Input OR/NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100301 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100301 Datasheet HTML 1Page - Fairchild Semiconductor 100301 Datasheet HTML 2Page - Fairchild Semiconductor 100301 Datasheet HTML 3Page - Fairchild Semiconductor 100301 Datasheet HTML 4Page - Fairchild Semiconductor 100301 Datasheet HTML 5Page - Fairchild Semiconductor 100301 Datasheet HTML 6Page - Fairchild Semiconductor 100301 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
Test Circuitry
Notes:
VCC, VCCA = +2V, VEE = −2.5V
L1 and L2
= equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3 pF
FIGURE 1. AC Test Circuit
Switching Waveforms
FIGURE 2. Propagation Delay and Transition Times


Similar Part No. - 100301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
   Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
[Old version datasheet]   Low Power Triple 5-Input OR/NOR Gate
logo
ERNI Electronics
100301000001 ERNI-100301000001 Datasheet
169Kb / 1P
   ERmetZDplus Federleiste 4-10
100301030001 ERNI-100301030001 Datasheet
113Kb / 1P
   Federl. SMC-B 68-SMD-BA7-13
100301120001 ERNI-100301120001 Datasheet
98Kb / 1P
   Federleiste Q/2 32 EE
More results

Similar Description - 100301

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
   Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
[Old version datasheet]   Low Power Triple 5-Input OR/NOR Gate
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301 Datasheet
96Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
SY100S301 MICREL-SY100S301_07 Datasheet
78Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
logo
Texas Instruments
74ACT11802 TI-74ACT11802 Datasheet
64Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com