Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100301SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100301SC
Description  Low Power Triple 5-Input OR/NOR Gate
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100301SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100301SC Datasheet HTML 1Page - Fairchild Semiconductor 100301SC Datasheet HTML 2Page - Fairchild Semiconductor 100301SC Datasheet HTML 3Page - Fairchild Semiconductor 100301SC Datasheet HTML 4Page - Fairchild Semiconductor 100301SC Datasheet HTML 5Page - Fairchild Semiconductor 100301SC Datasheet HTML 6Page - Fairchild Semiconductor 100301SC Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
SOIC and PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 5: The propagation delay specified is for single output switching. Delays may vary up to 100 ps with multiple outputs switching.
Note 6: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Industrial Version
PLCC DC Electrical Characteristics (Note 7)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C
Note 7: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 8: The propagation delay specified is for single output switching. Delays may vary up to 100 ps with multiple outputs switching.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.50
1.00
0.50
1.05
0.50
1.10
ns
Figures 1, 2
tPHL
Data to Output
(Note 5)
tTLH
Transition Time
0.40
1.10
0.40
1.10
0.40
1.10
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tOSHL
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
240
240
240
ps
(Note 6)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
330
330
330
ps
(Note 6)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC Only
Output-to-Output Variation
330
330
330
ps
(Note 6)
Data to Output Path
tPS
Maximum Skew
PLCC Only
Pin (Signal) Transition Variation
230
230
230
ps
(Note 6)
Data to Output Path
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN = VIH(Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
mV
or VIL(Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH(Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
mV
or VIL(Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal for All Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal for All Inputs
IIL
Input LOW Current
0.50
0.50
µAV
IN = VIL(Min)
IIH
Input HIGH Current
240
240
µAV
IN = VIH(Max)
IEE
Power Supply Current
−29
−15
−29
−15
mA
Inputs Open
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.40
1.00
0.50
1.05
0.50
1.10
ns
Figures 1, 2
tPHL
Data to Output
(Note 8)
tTLH
Transition Time
0.30
1.10
0.40
1.10
0.40
1.10
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100301SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
   Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
[Old version datasheet]   Low Power Triple 5-Input OR/NOR Gate
logo
ERNI Electronics
100301000001 ERNI-100301000001 Datasheet
169Kb / 1P
   ERmetZDplus Federleiste 4-10
100301030001 ERNI-100301030001 Datasheet
113Kb / 1P
   Federl. SMC-B 68-SMD-BA7-13
100301120001 ERNI-100301120001 Datasheet
98Kb / 1P
   Federleiste Q/2 32 EE
More results

Similar Description - 100301SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100301 NSC-100301 Datasheet
105Kb / 6P
   Low Power Triple 5-Input OR/NOR Gate
logo
Texas Instruments
100301 TI1-100301 Datasheet
132Kb / 6P
[Old version datasheet]   Low Power Triple 5-Input OR/NOR Gate
logo
Micrel Semiconductor
SY100S301 MICREL-SY100S301 Datasheet
96Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
SY100S301 MICREL-SY100S301_07 Datasheet
78Kb / 5P
   TRIPLE 5-INPUT OR/NOR GATE
logo
Texas Instruments
74ACT11802 TI-74ACT11802 Datasheet
64Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
74ACT11802 TI1-74ACT11802_09 Datasheet
77Kb / 5P
[Old version datasheet]   TRIPLE 4-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
   Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com