Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100323 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100323
Description  Low Power Hex Bus Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100323 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100323 Datasheet HTML 1Page - Fairchild Semiconductor 100323 Datasheet HTML 2Page - Fairchild Semiconductor 100323 Datasheet HTML 3Page - Fairchild Semiconductor 100323 Datasheet HTML 4Page - Fairchild Semiconductor 100323 Datasheet HTML 5Page - Fairchild Semiconductor 100323 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009877
www.fairchildsemi.com
July 1988
Revised August 2000
100323
Low Power Hex Bus Driver
General Description
The 100323 is a monolithic device containing six bus driv-
ers capable of driving terminated lines with terminations as
low as 25
Ω. To reduce crosstalk, each output has its own
respective ground connection. Transition times were
designed to be longer than on other F100K devices. The
driver itself performs the positive logic AND of a data input
(D1–D6) and the OR of two select inputs (E and either DE1,
DE2, or DE3).
Enabling of data is possible in multiples of two, i.e., 2, 4 or
all 6 paths. All inputs have 50 k
Ω pull-down resistors.
The output voltage LOW level is designed to be more neg-
ative than normal ECL outputs (cut off state). This allows
an emitter-follower output transistor to turn OFF when the
termination supply is
−2.0V and thus present a high imped-
ance to the data bus.
Features
s 50% power reduction of the 100123
s 2000V ESD protection
s
−4.2V to −5.7V operating range
s Drives 25
Ω load
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Pin Descriptions
Connection Diagrams
24-Pin DIP
28-Pin PLCC
Order Number
Package Number
Package Description
100323PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100323QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Pin Names
Description
D1–D6
Data Inputs
DE1–DE3
Dual Enable Inputs
E
Common Enable Input
O1–O6
Data Outputs


Similar Part No. - 100323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100323 NSC-100323 Datasheet
110Kb / 8P
   Low Power Hex Bus Driver
logo
List of Unclassifed Man...
100323 ETC-100323 Datasheet
307Kb / 2P
   RevPi MIO
Version: EN 1.0
logo
National Semiconductor ...
100323D NSC-100323D Datasheet
110Kb / 8P
   Low Power Hex Bus Driver
100323F NSC-100323F Datasheet
110Kb / 8P
   Low Power Hex Bus Driver
More results

Similar Description - 100323

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100323 NSC-100323 Datasheet
110Kb / 8P
   Low Power Hex Bus Driver
logo
Fairchild Semiconductor
DM74LS367A FAIRCHILD-DM74LS367A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
DM74LS365A FAIRCHILD-DM74LS365A Datasheet
47Kb / 4P
   Hex 3-STATE Buffer/Bus Driver
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
   Low Power Hex Line Driver with Cut-Off
logo
Toshiba Semiconductor
TC7MH367FK TOSHIBA-TC7MH367FK_07 Datasheet
193Kb / 8P
   HEX Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP Datasheet
268Kb / 7P
   HEX BUS BUFFER
TC74VHCT367AF TOSHIBA-TC74VHCT367AF_07 Datasheet
224Kb / 8P
   Hex Bus Buffer
TC74VHC367F TOSHIBA-TC74VHC367F_V01 Datasheet
326Kb / 7P
   HEX BUS BUFFER
1997-01-30
TC74HC365AP TOSHIBA-TC74HC365AP_07 Datasheet
251Kb / 7P
   Hex Bus Buffer
TC74HC367AP TOSHIBA-TC74HC367AP_07 Datasheet
296Kb / 9P
   Hex Bus Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com