Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393236-2 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393236-2
Description  Slimline PCB Relay SNR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393236-2 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393236-2 Datasheet HTML 1Page - Tyco Electronics 2-1393236-2 Datasheet HTML 2Page - Tyco Electronics 2-1393236-2 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-2012, Rev. 1012
www.te.com
© 2012 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
Slimline PCB Relay SNR
n
1 pole 6A, 1 form C (CO), 1 form A (NO)
n
Only 5mm wide
n
Flat pack version available
n
Sensitive coil 170mW
n
Reinforced insulation (protection classII)
n
Strong coil pins for DIN-rail socket
n
Allows high function- / packaging density
n
Cadmium-free contacts, AgNi 90/10 for AC-loads
Typical applications
Interface technology, PLC’s, timers, centralized and decentralized heating
control
Approvals
VDE REG.-Nr. 6666, UL E214024
Technical data of approved types on request
Contact Data
Contact arrangement
1 form C (CO) or 1 form A (NO)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
6A
Limiting making current, max 4s, df 10%
10A
Breaking capacity max.
1500VA
Contact material
AgSnO2,
AgSnO2
AgNi 90/10
gold plated
Min. recommended contact load
100mA, 12V
50mW
Frequency of operation, with/without load
6/1200min-1
Operate/release time max.
12/5ms
Bounce time max., form A/form B
3/8ms
Contact ratings
Type
Contact Load
Cycles
EC 61810
V23092-*****-A301, -A801 C (CO)
6A, 250VAC, cos
φ=1, 85°C
5x103
UL 508
V23092-*****-A301, -A801 A/B
6A, 250VAC,
general purpose, 85°C
6x103
V23092-*****-A301, -A801 A/B (NO) B300, 85°C
6x103
V23092-*****-A301, -A801 A/B
R300, 85°C
6x103
EN60730-1
V23092-*****-A302
A (NO)
3A (1.5A), 250VAC, 85°C
100x103
V23092-*****-A302, -A802 A (NO)
5A (1.5A), 250VAC, 85°C
10x103
Mechanical endurance, DC coil
10x106 operations
Coil Data
Coil voltage range
5 to 60VDC
Operative range, IEC 61810
2
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%1)
mW
005
5
3.5
0.25
147
170
012
12
8.4
0.6
848
170
024
24
16.8
1.2
3390
170
048
48
33.6
2.4
106001)
217
060
60
42.0
3.0
205001)
176
1) Coil resistance ±15%.
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥6/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250
F0140-D
Z


Similar Part No. - 2-1393236-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393236-2 MACOM-2-1393236-2 Datasheet
351Kb / 3P
   Slimline PCB Relay SNR
logo
TE Connectivity Ltd
2-1393236-2 TEC-2-1393236-2 Datasheet
258Kb / 3P
   1 pole 6A, 1 form C (CO), 1 form A (NO)
More results

Similar Description - 2-1393236-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SNR MACOM-SNR_09 Datasheet
242Kb / 3P
   Slimline PCB Relay SNR
2-1393236-1 MACOM-2-1393236-1 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092-A1905-A301 MACOM-V23092-A1905-A301 Datasheet
351Kb / 3P
   Slimline PCB Relay SNR
2-1393236-4 MACOM-2-1393236-4 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
V23092 MACOM-V23092 Datasheet
475Kb / 3P
   Slimline PCB Relay SNR
2-1393236-5 MACOM-2-1393236-5 Datasheet
444Kb / 3P
   Slimline PCB Relay SNR
PCN MACOM-PCN_09 Datasheet
192Kb / 2P
   Slimline PCB Relay PCN
logo
Picker Components
PC385 PICKER-PC385 Datasheet
218Kb / 2P
   Slimline Power PCB Relay
logo
Tyco Electronics
SNR MACOM-SNR_06 Datasheet
176Kb / 3P
   Slim PCB Relay SNR
2-1416100-0 MACOM-2-1416100-0 Datasheet
119Kb / 2P
   Accessories Slim Interface Relay SNR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com