Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100329PC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100329PC
Description  Low Power Octal ECL/TTL Bidirectional Translator with Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100329PC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100329PC Datasheet HTML 1Page - Fairchild Semiconductor 100329PC Datasheet HTML 2Page - Fairchild Semiconductor 100329PC Datasheet HTML 3Page - Fairchild Semiconductor 100329PC Datasheet HTML 4Page - Fairchild Semiconductor 100329PC Datasheet HTML 5Page - Fairchild Semiconductor 100329PC Datasheet HTML 6Page - Fairchild Semiconductor 100329PC Datasheet HTML 7Page - Fairchild Semiconductor 100329PC Datasheet HTML 8Page - Fairchild Semiconductor 100329PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
www.fairchildsemi.com
DIP ECL-to-TTL AC Electrical Characteristics
VEE = −4.2V to −5.7V, VTTL = +4.5V to +5.5V, VCC = VCCA = GND, CL = 50 pF
PLCC and TTL-to-ECL AC Electrical Characteristics
VEE = −4.2V to −5.7V, VTTL = +4.5V to +5.5V
Note 9: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = 25°CTC = 85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Max Toggle Frequency
125
125
125
MHz
tPLH
CP to Tn
3.1
7.2
3.1
7.2
3.3
7.7
ns
Figures 3, 4
tPHL
tPZH
OE to Tn
3.4
8.45
3.7
8.95
4.0
9.7
ns
Figures 3, 5
tPZL
(Enable Time)
3.8
9.2
4.0
9.2
4.3
9.95
tPHZ
OE to Tn
3.2
8.95
3.3
8.95
3.5
9.2
ns
Figures 3, 5
tPLZ
(Disable Time)
3.0
7.7
3.4
8.7
4.1
9.95
tPHZ
DIR to Tn
2.7
8.2
2.8
8.7
3.1
8.95
ns
Figures 3, 6
tPLZ
(Disable Time)
2.8
7.45
3.1
7.95
4.0
9.2
tSET
En to CP
1.1
1.1
1.1
ns
Figures 3, 4
tHOLD
En to CP
2.1
2.1
2.6
ns
Figures 3, 4
tPW(H)
Pulse Width CP
4.1
4.1
4.1
ns
Figures 3, 4
Symbol
Parameter
TC = 0°CTC = 25°CTC = 85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
fMAX
Max Toggle Frequency
350
350
350
MHz
tPLH
CP to En
1.7
3.4
1.7
3.5
1.9
3.7
ns
Figures 1, 2
tPHL
tPZH
OE to En
1.3
4.0
1.5
4.2
1.7
4.6
ns
Figures 1, 2
(Cutoff to HIGH)
tPHZ
OE to En
1.5
4.3
1.6
4.3
1.6
4.4
ns
Figures 1, 2
(HIGH to Cutoff)
tPHZ
DIR to En
1.6
4.1
1.6
4.1
1.7
4.3
ns
Figures 1, 2
(HIGH to Cutoff)
tSET
Tn to CP
1.0
1.0
1.0
ns
Figures 1, 2
tHOLD
Tn to CP
1.7
1.7
1.9
ns
Figures 1, 2
tPW(H)
Pulse Width CP
2.0
2.0
2.0
ns
Figures 1, 2
tTLH
Transition Time
0.6
1.6
0.6
1.6
0.6
1.6
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tOSHL
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
200
200
200
ps
(Note 9)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
200
200
200
ps
(Note 9)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC Only
Output-to-Output Variation
650
650
650
ps
(Note 9)
Data to Output Path
tPS
Maximum Skew
PLCC Only
Pin (Signal) Transition Variation
650
650
650
ps
(Note 9)
Data to Output Path


Similar Part No. - 100329PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Lapp.
10032900 LAPP-10032900 Datasheet
126Kb / 2P
   EPIC® H-B 10 AG-LB
17.09.2018
logo
Turck, Inc.
1003291 TURCK-1003291 Datasheet
172Kb / 3P
   Inductive Sensor
11/07/2023
1003295 TURCK-1003295 Datasheet
178Kb / 3P
   Inductive Sensor
11/07/2023
logo
Fairchild Semiconductor
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
More results

Similar Description - 100329PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Fairchild Semiconductor
100328 FAIRCHILD-100328 Datasheet
140Kb / 14P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
National Semiconductor ...
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
SN100KT5541 TI1-SN100KT5541 Datasheet
121Kb / 8P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN10KHT5541 TI-SN10KHT5541 Datasheet
90Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH 3-STATE OUTPUTS
SN100KT5539 TI1-SN100KT5539 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com