Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100325QC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 100325QC
Description  Low Power Hex ECL-to-TTL Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100325QC Datasheet(HTML) 7 Page - Fairchild Semiconductor

  100325QC Datasheet HTML 1Page - Fairchild Semiconductor 100325QC Datasheet HTML 2Page - Fairchild Semiconductor 100325QC Datasheet HTML 3Page - Fairchild Semiconductor 100325QC Datasheet HTML 4Page - Fairchild Semiconductor 100325QC Datasheet HTML 5Page - Fairchild Semiconductor 100325QC Datasheet HTML 6Page - Fairchild Semiconductor 100325QC Datasheet HTML 7Page - Fairchild Semiconductor 100325QC Datasheet HTML 8Page - Fairchild Semiconductor 100325QC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
www.fairchildsemi.com
Test Circuits (Continued)
Note:
VCC = 0V, VEE = −4.5V, VTTL = +5V
L1 and L2
= equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC, VEE and VTTL
All unused outputs are loaded with 500
Ω to GND
CL = Fixture and stray capacitance = 50 pF
FIGURE 3. AC Test Circuit for 50 pF Loading


Similar Part No. - 100325QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
National Semiconductor ...
100325D NSC-100325D Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
100325F NSC-100325F Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
More results

Similar Description - 100325QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100325 NSC-F100325 Datasheet
171Kb / 7P
   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324 Datasheet
103Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100325 NSC-100325 Datasheet
125Kb / 8P
   Low Power Hex ECL-to-TTL Translator
logo
Fairchild Semiconductor
100324 FAIRCHILD-100324 Datasheet
82Kb / 8P
   Low Power Hex TTL-to-ECL Translator
logo
Micrel Semiconductor
SY100S324 MICREL-SY100S324_06 Datasheet
506Kb / 6P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
SY100S325 MICREL-SY100S325 Datasheet
100Kb / 5P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
logo
Texas Instruments
100325 TI1-100325 Datasheet
163Kb / 8P
[Old version datasheet]   Low Power Hex ECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S325 MICREL-SY100S325_06 Datasheet
503Kb / 6P
   LOW-POWER HEX ECL-to-TTL TRANSLATOR
SY100S324 MICREL-SY100S324_07 Datasheet
86Kb / 5P
   LOW POWER HEX TTL-to-ECL TRANSLATOR
logo
National Semiconductor ...
100324 NSC-100324 Datasheet
117Kb / 6P
   Low Power Hex TTL-to-ECL Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com