Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100328QC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 100328QC
Description  Low Power Octal ECL/TTL Bi-Directional Translator with Latch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100328QC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 100328QC Datasheet HTML 2Page - Fairchild Semiconductor 100328QC Datasheet HTML 3Page - Fairchild Semiconductor 100328QC Datasheet HTML 4Page - Fairchild Semiconductor 100328QC Datasheet HTML 5Page - Fairchild Semiconductor 100328QC Datasheet HTML 6Page - Fairchild Semiconductor 100328QC Datasheet HTML 7Page - Fairchild Semiconductor 100328QC Datasheet HTML 8Page - Fairchild Semiconductor 100328QC Datasheet HTML 9Page - Fairchild Semiconductor 100328QC Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.fairchildsemi.com
6
Commercial Version (Continued)
SOIC and PLCC ECL-to-TTL AC Electrical Characteristics
VEE = −4.2V to −5.7V, VTTL = +4.5V to +5.5V, CL = 50 pF
Note 11: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same
packaged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in oppo-
site directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = 25°CTC = 85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
En to Tn
2.3
5.4
2.4
5.4
2.6
5.7
ns
Figures 3, 4
tPHL
(Transparent)
tPLH
LE to Tn
3.1
7.0
3.1
7.0
3.3
7.5
ns
Figures 3, 4
tPHL
tPZH
OE to Tn
3.4
8.25
3.7
8.75
4.0
9.5
ns
Figures 3, 5
tPZL
(Enable Time)
3.8
9.0
4.0
9.0
4.3
9.75
tPHZ
OE to Tn
3.2
8.75
3.3
8.75
3.5
9.0
ns
Figures 3, 5
tPLZ
(Disable Time)
3.0
7.5
3.4
8.5
4.1
9.75
tPHZ
DIR to Tn
2.7
8.0
2.8
8.5
3.1
8.75
ns
Figures 3, 6
tPLZ
(Disable Time)
2.8
7.25
3.1
7.75
4.0
9.0
tSET
En to LE
1.0
1.0
1.0
ns
Figures 3, 4
tHOLD
En to LE
2.0
2.0
2.5
ns
Figures 3, 4
tPW(H)
Pulse Width LE
4.0
4.0
4.0
ns
Figures 3, 4
tOSHL
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
600
600
600
ps
(Note 11)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC Only
Output-to-Output Variation
850
850
850
ps
(Note 11)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC Only
Output-to-Output Variation
1350
1350
1350
ps
(Note 11)
Data to Output Path
tPS
Maximum Skew
PLCC Only
Pin (Signal) Transition Variation
950
950
950
ps
(Note 11)
Data to Output Path


Similar Part No. - 100328QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328D NSC-100328D Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
100328F NSC-100328F Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
More results

Similar Description - 100328QC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100328 NSC-100328 Datasheet
263Kb / 12P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
F100328 NSC-F100328 Datasheet
394Kb / 16P
   Low Power Octal ECL/TTL Bi-Directional Translator with Latch
F100329 NSC-F100329 Datasheet
385Kb / 16P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
Fairchild Semiconductor
100329 FAIRCHILD-100329 Datasheet
111Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
100329A FAIRCHILD-100329A Datasheet
88Kb / 8P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
National Semiconductor ...
100329 NSC-100329 Datasheet
242Kb / 11P
   Low Power Octal ECL/TTL Bidirectional Translator with Register
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
National Semiconductor ...
DP8482A NSC-DP8482A Datasheet
131Kb / 6P
   100k ECL to TTL Level Translator with Latch
DP8481 NSC-DP8481 Datasheet
110Kb / 6P
   TTL to 10k ECL Level Translator with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com