Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100331PC Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 100331PC
Description  Low Power Triple D-Type Flip-Flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100331PC Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 100331PC Datasheet HTML 2Page - Fairchild Semiconductor 100331PC Datasheet HTML 3Page - Fairchild Semiconductor 100331PC Datasheet HTML 4Page - Fairchild Semiconductor 100331PC Datasheet HTML 5Page - Fairchild Semiconductor 100331PC Datasheet HTML 6Page - Fairchild Semiconductor 100331PC Datasheet HTML 7Page - Fairchild Semiconductor 100331PC Datasheet HTML 8Page - Fairchild Semiconductor 100331PC Datasheet HTML 9Page - Fairchild Semiconductor 100331PC Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
www.fairchildsemi.com
Test Circuits
FIGURE 1. AC Test Circuit
Notes:
VCC, VCCA = +2V, VEE = −2.5V
L1 and L2
= Equal length 50Ω impedance lines
RT = 50Ω terminator internal to scope
Decoupling 0.1
µF from GND to V
CC and VEE
All unused outputs are loaded with 50
Ω to GND
CL = Fixture and stray capacitance ≤ 3 pF
FIGURE 2. Toggle Frequency Test Circuit


Similar Part No. - 100331PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100331 NSC-100331 Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
100331D NSC-100331D Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
100331F NSC-100331F Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
More results

Similar Description - 100331PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100331 NSC-F100331 Datasheet
279Kb / 10P
   Low Power Triple D Flip-Flop
100331 NSC-100331 Datasheet
150Kb / 8P
   Low Power Triple D Flip-Flop
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331 Datasheet
110Kb / 7P
   TRIPLE D FLIP-FLOP
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
   TRIPLE D FLIP-FLOP
logo
National Semiconductor ...
F100131 NSC-F100131 Datasheet
168Kb / 8P
   TRIPLE D FLIP-FLOP
logo
Micrel Semiconductor
SY100S331 MICREL-SY100S331_06 Datasheet
95Kb / 8P
   TRIPLE D FLIP-FLOP
logo
Fairchild Semiconductor
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
   Low Power Hex D-Type Flip-Flop
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
National Semiconductor ...
100351 NSC-100351 Datasheet
147Kb / 8P
   Low Power Hex D Flip-Flop
logo
NXP Semiconductors
74AUP1G79 PHILIPS-74AUP1G79 Datasheet
97Kb / 20P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-12 September 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com