Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393252-3 Datasheet(PDF) 6 Page - Tyco Electronics

Part # 2-1393252-3
Description  Magnetic Hydraulic P&B Circuit Breakers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393252-3 Datasheet(HTML) 6 Page - Tyco Electronics

  2-1393252-3 Datasheet HTML 1Page - Tyco Electronics 2-1393252-3 Datasheet HTML 2Page - Tyco Electronics 2-1393252-3 Datasheet HTML 3Page - Tyco Electronics 2-1393252-3 Datasheet HTML 4Page - Tyco Electronics 2-1393252-3 Datasheet HTML 5Page - Tyco Electronics 2-1393252-3 Datasheet HTML 6Page - Tyco Electronics 2-1393252-3 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Catalog 1308242
Issued 3-03 (PDF Rev. 03-10)
Revised 03-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Outline Dimensions - Optional Toggle Guards
.78
(19.8)
.20
(5.08)
.44
(11.18)
.2 x
R1.0
(25.4)
.17 REF.
(4.32)
6 x .16 DIA.
(4.06)
.75
(19.05)
.75
(19.05)
1.093
(27.76)
2.185 INSIDE
(55.50)
4 x .16 DIA.
(4.06)
.75
(19.05)
.313
(7.95)
.313
(7.95)
1.375 INSIDE
(34.92)
.625 INSIDE
(15.88)
.47
(11.94)
.625
(15.88)
2 x .16 DIA.
(4.06)
.17
(4.32)
1.66
(42.16)
2.00
(50.8)
2 x
.27 DIA.
(6.86)
.95
(24.1)
.53
(13.46)
.08
(2.03)
.03
(.76)
W6 Series
3.000
(76.20)
2.250
(57.15)
1.500
(38.10)
2 POLE
.375
(9.53)
.750
(19.05)
.750
(19.05)
.750
(19.05)
3
POLE
4
POLE
ON
OFF
.750
(19.05)
.375
(9.53)
2.000
(50.80)
.388
(9.86)
2.600
(66.04)
TAPPED FOR #6-32
M3 X 0.5 OPTIONAL
Outline Dimensions - Rocker Actuator Models
.750
(19.05)
.750
(19.05)
.750
(19.05)
.375
(9.53)
.205
(5.21)
1.250
(31.75)
1.660
(42.16)
Ø .156
(3.96)
TYP. 2
PER POLE
.750
(19.05)
1.500
(38.10)
2.250
(57.15)
3.000
(76.20)
1 POLE
2 POLE
3 POLE
4 POLE
Panel Mounting Cutout
1 Pole
(Shown with optional “ON”
and “OFF” graphics)
2, 3 & 4 Pole, One Actuator Per Pole
LOAD
LINE
.240
(6.10)
1.520
(38.61)
2.435
(61.85)
1.769
(44.93)
.774
(19.65)
.392
(9.96)
.180
(4.57)
1.30
(33.0)
1.660
(42.16)
A
D
W6 Series
VDE Rocker Marking
I
O
Notes:
1. Outline drawing tolerance ± .015 (.38) unless
noted. Dimensions in brackets ( ) are in
millimeters.
2. Mounting Detail Tol.: ± .005 (.13) unless noted
Optional toggle guards may be ordered separately for use on W6 toggle actuator models. These guards help to prevent accidental operation and allow the breaker to be
locked in the “off” position.
84-004
(For 1 Pole
Breaker)
84-005
(For 2 Pole
Breaker)
84-006
(For 3 Pole
Breaker)
1.500
(38.10)
.375
(9.53)
.750
(19.05)
.388
(9.86)
TAPPED FOR #6-32
M3 X 0.5 OPTIONAL
2.250
(57.15)
.375
(9.53)
.750
(19.05)
.750
(19.05)
3.000
(76.20)
.375
(9.53)
.750
(19.05)
.750
(19.05)
.750
(19.05)
1.660
(42.16)
1.660
(42.16)
2.000
(50.80)
2.600
(66.04)
2, 3 & 4 Pole, One Actuator Per Unit
84-004 toggle guard shown
with W67 series circuit
breaker mounted in a panel.


Similar Part No. - 2-1393252-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results

Similar Description - 2-1393252-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com