Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100344 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 100344
Description  Low Power 8-Bit Latch with Cut-Off Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100344 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  100344 Datasheet HTML 1Page - Fairchild Semiconductor 100344 Datasheet HTML 2Page - Fairchild Semiconductor 100344 Datasheet HTML 3Page - Fairchild Semiconductor 100344 Datasheet HTML 4Page - Fairchild Semiconductor 100344 Datasheet HTML 5Page - Fairchild Semiconductor 100344 Datasheet HTML 6Page - Fairchild Semiconductor 100344 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2000 Fairchild Semiconductor Corporation
DS009883
www.fairchildsemi.com
July 1988
Revised August 2000
100344
Low Power 8-Bit Latch with Cut-Off Drivers
General Description
The 100344 contains eight D-type latches, individual inputs
(Dn), outputs (Qn), a common enable pin (E), latch enable
(LE), and output enable pin (OEN). A Q output follows its D
input when both E and LE are LOW. When either E or LE
(or both) are HIGH, a latch stores the last valid data
present on its D input prior to E or LE going HIGH.
A HIGH on OEN holds the outputs in a cut-off state. The
cut-off state is designed to be more negative than a normal
ECL LOW level. This allows the output emitter-followers to
turn off when the termination supply is
−2.0V, presenting a
high impedance to the data bus. This high impedance
reduces termination power and prevents loss of low state
noise margin when several loads share the bus.
The 100344 outputs are designed to drive a doubly termi-
nated 50
Ω transmission line (25Ω load impedance). All
inputs have 50 k
Ω pull-down resistors.
Features
s Cut-off drivers
s Drives 25
Ω load
s Low power operation
s 2000V ESD protection
s Voltage compensated operating range
= −4.2V to −5.7V
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagrams
24-Pin DIP
28-Pin PLCC
Logic Symbol
Order Number
Package Number
Package Description
100344PC
N24E
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-010, 0.400 Wide
100344QC
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
100344QI
V28A
28-Lead Plastic Lead Chip Carrier (PLCC), JEDEC MO-047, 0.450 Square
Industrial Temperature Range (
−40°C to +85°C)


Similar Part No. - 100344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
logo
PHOENIX CONTACT
1003446 PHOENIX-1003446 Datasheet
43Kb / 2P
   Insert strip - ES/LP-BW
logo
National Semiconductor ...
100344D NSC-100344D Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
100344F NSC-100344F Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
More results

Similar Description - 100344

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100344 NSC-100344 Datasheet
170Kb / 8P
   Low Power 8-Bit Latch with Cut-Off Drivers
logo
Fairchild Semiconductor
100354 FAIRCHILD-100354 Datasheet
91Kb / 9P
   Low Power 8-Bit Register with Cut-Off Drivers
100352 FAIRCHILD-100352 Datasheet
71Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
National Semiconductor ...
100352 NSC-100352 Datasheet
143Kb / 8P
   Low Power 8-Bit Buffer with Cut-Off Drivers
logo
Fairchild Semiconductor
100343 FAIRCHILD-100343 Datasheet
73Kb / 8P
   Low Power 8-Bit Latch
logo
National Semiconductor ...
100343 NSC-100343 Datasheet
155Kb / 8P
   Low Power 8-Bit Latch
logo
Fairchild Semiconductor
100319 FAIRCHILD-100319 Datasheet
53Kb / 6P
   Low Power Hex Line Driver with Cut-Off
100316 FAIRCHILD-100316 Datasheet
56Kb / 6P
   Low Power Quad Differential Line Driver with Cut-Off
logo
Toshiba Semiconductor
TB62717NG TOSHIBA-TB62717NG Datasheet
670Kb / 21P
   24 Bit Constant Current Drivers (3 × 8 Bit Shift Register & Latch)
2007-12-06
logo
Molex Electronics Ltd.
11-18-4447 MOLEX11-11-18-4447 Datasheet
30Kb / 1P
   Cut-off Punch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com