Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-1393255-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 2-1393255-3
Description  Magnetic Hydraulic P&B Circuit Breakers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-1393255-3 Datasheet(HTML) 1 Page - Tyco Electronics

  2-1393255-3 Datasheet HTML 1Page - Tyco Electronics 2-1393255-3 Datasheet HTML 2Page - Tyco Electronics 2-1393255-3 Datasheet HTML 3Page - Tyco Electronics 2-1393255-3 Datasheet HTML 4Page - Tyco Electronics 2-1393255-3 Datasheet HTML 5Page - Tyco Electronics 2-1393255-3 Datasheet HTML 6Page - Tyco Electronics 2-1393255-3 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Catalog 1308242
Issued 3-03 (PDF Rev. 03-10)
Revised 03-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
Features
• Designed for the international market. UL Recognized (UL1077 and
UL1500), CSA Accepted and VDE approved.
• Ratings to 50 amps.
• Heavy duty #10-32 stud connections. (W9)
• Quick-connect or screw terminals. (W6)
• Optional 10 amp auxiliary switch.
• Several delay curve options.
• Choice of toggle or rocker actuator per pole or per unit (W6).
• Optional relay/remote trip pole available.
• Trip-free operation.
Agency Approvals
UL:
Recognized as Supplementary Protector under UL 1077. Available
models meet Ignition Protection requirements in accordance with
UL1500. File E69543.
CSA: Accepted as a Supplementary Protector. File LR15734.
VDE: Approved to VDE 0642/EN 60 934 (Circuit Breakers for Equipment)
License No. 73782.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that users also seek out the pertinent approvals files of
the agencies/laboratories and review them to confirm the product meets the
requirements for a given application.
Mechanical/Environmental Data
Operating Temperature: -40°C to +85°C.
Humidity: Meets requirements of Mil-STD-202 method 103.
Shock: Tested per Mil-STD-202, method 213, test condition C
(100g @ 6 ms).
Vibration: Tested per Mil-STD-202, method 201, 10-55 Hz., 0.06"
(1.52mm) total excursion in 2 planes.
Fungus And Moisture Resistance: Special moisture resistant finish
applied to all ferrous parts.
Plastic parts are made of inherently
fungus resistant material.
Marking: International “1” and “0” symbols are marked on the toggle for
both W6 and W9. W9 units have “ON” and “OFF” molded into
the area at the base of the toggle. On a special order basis,
graphics can be imprinted on the rockers of rocker actuated W6
units. VDE approved versions of rocker actuated W6 breakers
have their rockers imprinted with “1” and “0.”
Mounting: Units are mounted with two #6-32 screws from the front of
the panel. Metric models for use with M3 x 0.5 screws are
available. To maintain published performance specifications,
units should not be mounted more than 90° from their normal
upright position.
Weight: Approximately 2.5 ounces per pole.
W6/W9 series
Magnetic Hydraulic
P&B Circuit Breakers
Electrical Data
Auxiliary Switch: See Auxiliary Switch Ratings Table 2 for details.
Calibration: Breakers will hold 100% of rated current.
Breakers may trip between 101% and 124% of rated load
(134% for AC/DC units).
Breakers must trip at 125% of rated load and above (135%
for AC/DC units).
Dielectric Strength: 50/60 Hz., 1500V: DC, 1100V.
Insulation Resistance: 100 Megohms at 500VDC.
Endurance: 10,000 on/off cycles - 6000 at rated load, 4000 at no load.
Units tested at six cycles per minute, 1 second on and 9
seconds off at 25°C ambient.
Relay Trip Coil: (Ratings applicable to all W6 models with this option)
24 to 277VAC, 150mA minimum available current;
6 to 48VDC, 300mA minimum available current.
Approvals and Ratings Table 1
Typical Resistance and Impedance
DC
50/60 Hz.
Current
Resistance
Impedance
(Amps)
(Ohms)
(Ohms)
0.2
90
90
1.0
1.2
1.2
2.0
0.28
0.28
5.0
0.04
0.04
10.0
0.013
0.013
20.0
0.004
0.005
30.0
0.0027
0.004
40.0
0.002
0.002
50.0
0.0015
0.0015
Tolerance: 0.1 - 4.99 ± 15%; 5 - 9.99 ± 20%; 10 - 15 ± 25%; 16 - 30 ± 50%.
W9 Series
UL1077/CSA (All Circuit Functions)
W6 or W9 Series
UL1500 (Circuit Function X)
Current
Interrupting
Current
Interrupting
Maximum
Frequency
Phase
Rating
Capacity
Maximum
Frequency
Phase
Rating
Capacity
Voltage
(Hz)
(Amps)
(Amps)
Voltage
(Hz)
(Amps)
(Amps)
65
DC
-
0.2 - 50
2,000
48
DC
-
0.2 - 50
3,000
277
50/60
1
0.2 - 50
5,000
125/250
50/60
1
0.2 - 50
1,000
277/480
50/60
3Ø-Wye
0.2 - 20
5,000
250
50/60
3Ø-Wye
0.2 - 50
1,000
W6 Series
UL1077/CSA (All Circuit Functions)
W6 or W9 Series
VDE (Circuit Function X)
Current
Interrupting
Current
Interrupting
Maximum
Frequency
Phase
Rating
Capacity
Maximum
Frequency
Phase
Rating
Capacity
Voltage
(Hz)
(Amps)
(Amps)
Voltage
(Hz)
(Amps)
(Amps)
65
DC
-
0.2 - 50
2,000
65
DC
-
0.2-50
2,000
277
50/60
1
0.2 - 20
5,000
250
50/60
1
0.2-30
5,000
277
50/60
1
21 - 50
2,500
250
50/60
1
31-50
2,000
277/480
50/60
3Ø-Wye
0.2 - 20
5,000
415/240
50/60
0.2-30
5,000
Auxiliary Switch Ratings Table 2
UL/CSA
Switch
Voltage
Current
Terminals
Number
50/60 Hz.
(Amps)
WxTxL
A
125
10
.093 x .020 x .250
(2.36 x .51 x 6.40)


Similar Part No. - 2-1393255-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393255-2 MACOM-2-1393255-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results

Similar Description - 2-1393255-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393253-5 MACOM-2-1393253-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-7 MACOM-2-1393254-7 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-8 MACOM-2-1393253-8 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
W68-X2Q110-15 MACOM-W68-X2Q110-15 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-4 MACOM-2-1393254-4 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-5 MACOM-2-1393254-5 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-3 MACOM-2-1393253-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393253-1 MACOM-2-1393253-1 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-2 MACOM-2-1393254-2 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393254-3 MACOM-2-1393254-3 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
2-1393252-0 MACOM-2-1393252-0 Datasheet
2Mb / 7P
   Magnetic Hydraulic P&B Circuit Breakers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com