Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100355PC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 100355PC
Description  Low Power Quad Multiplexer/Latch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100355PC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  100355PC Datasheet HTML 1Page - Fairchild Semiconductor 100355PC Datasheet HTML 2Page - Fairchild Semiconductor 100355PC Datasheet HTML 3Page - Fairchild Semiconductor 100355PC Datasheet HTML 4Page - Fairchild Semiconductor 100355PC Datasheet HTML 5Page - Fairchild Semiconductor 100355PC Datasheet HTML 6Page - Fairchild Semiconductor 100355PC Datasheet HTML 7Page - Fairchild Semiconductor 100355PC Datasheet HTML 8Page - Fairchild Semiconductor 100355PC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
Commercial Version (Continued)
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Note 5: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL), or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
tPHL
Dna–Dnd to Output
0.60
1.70
0.60
1.70
0.70
1.80
ns
(Transparent Mode)
tPLH
Propagation Delay
Figures 1, 2
tPHL
S0, S1 to Output
1.00
2.40
1.00
2.40
1.20
2.50
ns
(Transparent Mode)
tPLH
Propagation Delay
0.80
1.80
0.80
1.80
0.80
1.90
ns
tPHL
E1, E2 to Output
tPLH
Propagation Delay
0.80
2.10
0.80
2.10
0.80
2.10
ns
Figures 1, 3
tPHL
MR to Output
tTLH
Transition Time
0.60
1.30
0.60
1.30
0.60
1.30
ns
Figures 1, 2
tTHL
20% to 80%, 80% to 20%
tS
Setup Time
Dna–Dnd
0.80
0.80
0.80
ns
Figure 4
S0, S1
1.60
1.60
1.60
MR (Release Time)
1.40
1.40
1.40
Figure 3
tH
Hold Time
Dna–Dnd
0.30
0.30
0.30
ns
Figure 4
S0, S1
−0.10
−0.10
−0.10
tPW (L)
Pulse Width LOW E1, E2
2.00
2.00
2.00
ns
Figure 2
tPW (H)
Pulse Width HIGH MR
2.00
2.00
2.00
ns
Figure 3
tOSHL
Maximum Skew Common Edge
PLCC only
Output-to-Output Variation
330
330
330
ps
(Note 5)
Data to Output Path
tOSLH
Maximum Skew Common Edge
PLCC only
Output-to-Output Variation
370
370
370
ps
(Note 5)
Data to Output Path
tOST
Maximum Skew Opposite Edge
PLCC only
Output-to-Output Variation
370
370
370
ps
(Note 5)
Data to Output Path
tPS
Maximum Skew
PLCC only
Pin (Signal) Transition Variation
270
270
270
ps
(Note 5)
Data to Output Path


Similar Part No. - 100355PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
National Semiconductor ...
100355D NSC-100355D Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
100355F NSC-100355F Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
More results

Similar Description - 100355PC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100355 NSC-100355 Datasheet
148Kb / 10P
   Low Power Quad Multiplexer/Latch
logo
Texas Instruments
100355 TI1-100355 Datasheet
237Kb / 9P
[Old version datasheet]   Low Power Quad Multiplexer/Latch
logo
Micrel Semiconductor
SY100S355 MICREL-SY100S355 Datasheet
114Kb / 7P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_06 Datasheet
98Kb / 8P
   QUAD MULTIPLEXER/LATCH
SY100S355 MICREL-SY100S355_07 Datasheet
90Kb / 6P
   QUAD MULTIPLEXER/LATCH
logo
ON Semiconductor
MC10H173 ONSEMI-MC10H173 Datasheet
156Kb / 5P
   Quad 2?묲nput Multiplexer/Latch
June, 2006 ??Rev. 7
MC10173 ONSEMI-MC10173_02 Datasheet
111Kb / 8P
   Quad 2-Input Multiplexer/ Latch
January, 2002 ??Rev. 7
MC10173 ONSEMI-MC10173 Datasheet
109Kb / 5P
   Quad 2-Input Multiplexer/Latch
1996 REV 5
logo
Motorola, Inc
MC10H173 MOTOROLA-MC10H173 Datasheet
73Kb / 4P
   QUAD 2-INPUT MULTIPLEXER / LATCH
logo
Fairchild Semiconductor
74LCX257MTCX FAIRCHILD-74LCX257MTCX Datasheet
103Kb / 9P
   Low Voltage Quad 2-Input Multiplexer Low Voltage Quad 2-Input Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com