Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100364 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # 100364
Description  Low Power 16-Input Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100364 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  100364 Datasheet HTML 1Page - Fairchild Semiconductor 100364 Datasheet HTML 2Page - Fairchild Semiconductor 100364 Datasheet HTML 3Page - Fairchild Semiconductor 100364 Datasheet HTML 4Page - Fairchild Semiconductor 100364 Datasheet HTML 5Page - Fairchild Semiconductor 100364 Datasheet HTML 6Page - Fairchild Semiconductor 100364 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: ESD testing conforms to MIL-STD-883, Method 3015.
Commercial Version
DC Electrical Characteristics (Note 3)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = 0°C to +85°C
Note 3: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operate under “worst case” conditions.
DIP AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Storage Temperature (TSTG)
−65°C to +150°C
Maximum Junction Temperature (TJ)
+150°C
Pin Potential to Ground Pin (VEE)
−7.0V to +0.5V
Input Voltage (DC)
VEE to +0.5V
Output Current
(DC Output HIGH)
−50 mA
ESD (Note 2)
≥ 2000V
Case Temperature (TC)
Commercial
0
°C to +85°C
Industrial
−40°C to +85°C
Supply Voltage (VEE)
−5.7V to −4.2V
Symbol
Parameter
Min
Typ
Max
Units
Conditions
VOH
Output HIGH Voltage
−1025
−955
−870
mV
VIN = VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1705
−1620
mV
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1035
mV
VIN = VIH (Min)
Loading with
VOLC
Output LOW Voltage
−1610
mV
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.5
µAV
IN = VIL (Min)
IIH
Input HIGH Current
300
µAV
IN = VIH (Max)
IEE
Power Supply Current
−89
−45
mA
Inputs OPEN
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.90
2.00
0.90
2.00
0.90
2.10
ns
tPHL
I0–I15 to Output
tPLH
Propagation Delay
1.40
2.80
1.40
2.80
1.50
2.90
ns
tPHL
S0, S1 to Output
Figures 1, 2
tPLH
Propagation Delay
1.00
2.20
1.00
2.20
1.10
2.40
ns
tPHL
S2, S3 to Output
tTLH
Transition Time
0.35
1.20
0.35
1.20
0.35
1.20
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100364 NSC-100364 Datasheet
124Kb / 8P
   Low Power 16-Input Multiplexer
100364 NSC-100364 Datasheet
294Kb / 8P
   Low Power 16-Input Multiplexer
logo
Texas Instruments
100364 TI1-100364 Datasheet
158Kb / 7P
[Old version datasheet]   Low Power 16-Input Multiplexer
logo
Turck, Inc.
1003640 TURCK-1003640 Datasheet
1,011Kb / 4P
   Inductive Sensor
11/07/2023
logo
National Semiconductor ...
100364D NSC-100364D Datasheet
124Kb / 8P
   Low Power 16-Input Multiplexer
More results

Similar Description - 100364

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
F100364 NSC-F100364 Datasheet
217Kb / 8P
   Low Power 16-Input Multiplexer
logo
Texas Instruments
100364 TI1-100364 Datasheet
158Kb / 7P
[Old version datasheet]   Low Power 16-Input Multiplexer
logo
National Semiconductor ...
100364 NSC-100364 Datasheet
124Kb / 8P
   Low Power 16-Input Multiplexer
100364 NSC-100364_09 Datasheet
294Kb / 8P
   Low Power 16-Input Multiplexer
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364_06 Datasheet
96Kb / 6P
   16-INPUT MULTIPLEXER
SY100S364 MICREL-SY100S364_07 Datasheet
89Kb / 4P
   16-INPUT MULTIPLEXER
logo
NXP Semiconductors
100164 PHILIPS-100164 Datasheet
261Kb / 6P
   16-Input Multiplexer
June 14 1990
logo
Micrel Semiconductor
SY100S364 MICREL-SY100S364 Datasheet
107Kb / 5P
   16-INPUT MULTIPLEXER
logo
NXP Semiconductors
74AUP1G157 NXP-74AUP1G157 Datasheet
84Kb / 16P
   Low-power 2-input multiplexer
Rev. 02-5 February 2008
74AUP2G157 NXP-74AUP2G157 Datasheet
113Kb / 20P
   Low-power 2-input multiplexer
Rev. 03-2 July 2008
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com