Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100360QI Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100360QI
Description  Low Power Dual Parity Checker/Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100360QI Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100360QI Datasheet HTML 1Page - Fairchild Semiconductor 100360QI Datasheet HTML 2Page - Fairchild Semiconductor 100360QI Datasheet HTML 3Page - Fairchild Semiconductor 100360QI Datasheet HTML 4Page - Fairchild Semiconductor 100360QI Datasheet HTML 5Page - Fairchild Semiconductor 100360QI Datasheet HTML 6Page - Fairchild Semiconductor 100360QI Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Industrial Version
PLCC DC Electrical Characteristics (Note 4)
VEE = −4.2V to −5.7V, VCC = VCCA = GND, TC = −40°C to +85°C
Note 4: The specified limits represent the “worst case” value for the parameter. Since these values normally occur at the temperature extremes, additional
noise immunity and guardbanding can be achieved by decreasing the allowable system operating ranges. Conditions for testing shown in the tables are cho-
sen to guarantee operation under “worst case” conditions.
PLCC AC Electrical Characteristics
VEE = −4.2V to −5.7V, VCC = VCCA = GND
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.10
2.75
1.10
2.75
1.10
2.75
ns
tPHL
Ina, Inb to Za, Zb
tPLH
Propagation Delay
1.10
2.80
1.10
2.80
1.10
2.80
ns
tPHL
Ina, Inb to C
Figures 1, 2
tPLH
Propagation Delay
0.50
1.20
0.60
1.30
0.60
1.30
ns
tPHL
Ia, Ib to Za, Zb
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
tTHL
20% to 80%, 80% to 20%
Symbol
Parameter
TC = −40°CTC = 0°C to +85°C
Units
Conditions
Min
Max
Min
Max
VOH
Output HIGH Voltage
−1085
−870
−1025
−870
mV
VIN =VIH (Max)
Loading with
VOL
Output LOW Voltage
−1830
−1575
−1830
−1620
mV
or VIL (Min)
50
Ω to −2.0V
VOHC
Output HIGH Voltage
−1095
−1035
mV
VIN = VIH (Min)
Loading with
VOLC
Output LOW Voltage
−1565
−1610
mV
or VIL (Max)
50
Ω to −2.0V
VIH
Input HIGH Voltage
−1170
−870
−1165
−870
mV
Guaranteed HIGH Signal
for All Inputs
VIL
Input LOW Voltage
−1830
−1480
−1830
−1475
mV
Guaranteed LOW Signal
for All Inputs
IIL
Input LOW Current
0.50
0.50
µAV
IN = VIL (Min)
IIH
Input HIGH Current
Ia, Ib
340
340
µAV
IN = VIH (Max)
Ina, Inb
240
240
IEE
Power Supply Current
−100
−50
−100
−50
mA
Inputs OPEN
Symbol
Parameter
TC = −40°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
1.00
2.75
1.10
2.75
1.10
2.75
ns
tPHL
Ina, Inb to Za, Zb
tPLH
Propagation Delay
1.00
2.80
1.10
2.80
1.10
2.80
ns
tPHL
Ina, Inb to C
Figures 1, 2
tPLH
Propagation Delay
0.50
1.20
0.60
1.30
0.60
1.30
ns
tPHL
Ia, Ib to Za, Zb
tTLH
Transition Time
0.35
1.10
0.35
1.10
0.35
1.10
ns
tTHL
20% to 80%, 80% to 20%


Similar Part No. - 100360QI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
100360 ETC-100360 Datasheet
688Kb / 3P
   RevPi Core S
Version: EN 1.0
logo
Turck, Inc.
1003600 TURCK-1003600 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
logo
List of Unclassifed Man...
1003600100 ETC2-1003600100 Datasheet
2Mb / 164P
   We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
1003605 TURCK-1003605 Datasheet
357Kb / 4P
   Inductive Sensor
11/07/2023
More results

Similar Description - 100360QI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S360 MICREL-SY100S360_07 Datasheet
82Kb / 4P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360 Datasheet
99Kb / 5P
   DUAL PARITY CHECKER/ GENERATOR
SY100S360 MICREL-SY100S360_06 Datasheet
89Kb / 6P
   DUAL PARITY CHECKER/GENERATOR
logo
Texas Instruments
CY5474FCT480T TI-CY5474FCT480T Datasheet
82Kb / 8P
[Old version datasheet]   Dual 8-Bit Parity Generator/Checker
logo
Micrel Semiconductor
SY10E160 MICREL-SY10E160 Datasheet
60Kb / 4P
   12-BIT PARITY GENERATOR/CHECKER
logo
ON Semiconductor
MC10H160 ONSEMI-MC10H160 Datasheet
111Kb / 4P
   12-Bit Parity Generator-Checker
May, 2000 ??Rev. 7
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC10160 MOTOROLA-MC10160 Datasheet
84Kb / 4P
   12-Bit parity Generator-Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com