Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM485ARM-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # ADM485ARM-REEL
Description  Meets EIA RS-485 standard
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485ARM-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM485ARM-REEL Datasheet HTML 2Page - Analog Devices ADM485ARM-REEL Datasheet HTML 3Page - Analog Devices ADM485ARM-REEL Datasheet HTML 4Page - Analog Devices ADM485ARM-REEL Datasheet HTML 5Page - Analog Devices ADM485ARM-REEL Datasheet HTML 6Page - Analog Devices ADM485ARM-REEL Datasheet HTML 7Page - Analog Devices ADM485ARM-REEL Datasheet HTML 8Page - Analog Devices ADM485ARM-REEL Datasheet HTML 9Page - Analog Devices ADM485ARM-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM485
Rev. F | Page 6 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM485
TOP VIEW
(Not to Scale)
RO 1
RE 2
DE 3
DI 4
VCC
8
B
7
A
6
GND
5
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Function
1
RO
Receiver Output. When enabled, if A is greater than B by 200 mV, RO is high. If A is less than B by 200 mV, RO is low.
2
RE
Receiver Output Enable. A low level enables the receiver output, RO. A high level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables the driver differential outputs, A and B. A low level places it in a high
impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, while a logic high on DI forces
A high and B low.
5
GND
Ground Connection, 0 V.
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
Power Supply, 5 V ± 5%.


Similar Part No. - ADM485ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485ARM-REEL AD-ADM485ARM-REEL Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
ADM485ARM-REEL7 AD-ADM485ARM-REEL7 Datasheet
606Kb / 16P
   5 V Low Power EIA RS-485 Transceiver
Rev. F
More results

Similar Description - ADM485ARM-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
List of Unclassifed Man...
9841 ETC1-9841 Datasheet
39Kb / 3P
   Low Capacitance EIA RS-485
RC20GF621J ETC2-RC20GF621J Datasheet
189Kb / 2P
   Meets performance standards of EIA RS-172
logo
TT Electronics.
IBT TTELEC-IBT Datasheet
333Kb / 3P
   Meets performance standards of EIA RS-172
logo
Analog Devices
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
logo
National Semiconductor ...
DS36C278 NSC-DS36C278 Datasheet
583Kb / 10P
   Low Power Multipoint EIA-RS-485 Transceiver
DS36C280 NSC-DS36C280_00 Datasheet
563Kb / 9P
   Slew Rate Controlled CMOS EIA-RS-485 Transceiver
logo
Analog Devices
ADM1485 AD-ADM1485 Datasheet
139Kb / 8P
   -5 V Low Power EIA RS-485 Transceiver
REV. A
ADM485 AD-ADM485 Datasheet
133Kb / 8P
   5 V Low Power EIA RS-485 Transceiver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com