Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100391 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 100391
Description  Low Power Single Supply Hex TTL-to-PECL Translator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100391 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  100391 Datasheet HTML 1Page - Fairchild Semiconductor 100391 Datasheet HTML 2Page - Fairchild Semiconductor 100391 Datasheet HTML 3Page - Fairchild Semiconductor 100391 Datasheet HTML 4Page - Fairchild Semiconductor 100391 Datasheet HTML 5Page - Fairchild Semiconductor 100391 Datasheet HTML 6Page - Fairchild Semiconductor 100391 Datasheet HTML 7Page - Fairchild Semiconductor 100391 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Commercial Version (Continued)
SOIC and PLCC AC Electrical Characteristics
VCC = 5.0V ± 10%
Note 5: Output-to-Output Skew is defined as the absolute value of the difference between the actual propagation delay for any outputs within the same pack-
aged device. The specifications apply to any outputs switching in the same direction either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH), or in opposite
directions both HL and LH (tOST). Parameters tOST and tPS guaranteed by design.
Symbol
Parameter
TC = 0°CTC = +25°CTC = +85°C
Units
Conditions
Min
Max
Min
Max
Min
Max
tPLH
Propagation Delay
0.30
1.40
0.35
1.30
0.40
1.30
ns
Figures 1, 2
tPHL
Data to Output
tPLH
Propagation Delay
0.40
1.50
0.45
1.40
0.50
1.40
ns
tPHL
Enable to Output
tTLH
Transition Time
0.35
1.70
0.35
1.70
0.35
1.70
ns
tTHL
20% to 80%, 80% to 20%
tOSHL
Maximum Skew Common Edge
750
750
750
ps
PLCC Only
(Note 5)
Output-to-Output Variation
Data to Output Path
tOSLH
Maximum Skew Common Edge
700
700
700
ps
PLCC Only
(Note 5)
Output-to-Output Variation
Data to Output Path
tOST
Maximum Skew Opposite Edge
450
450
450
ps
PLCC Only
(Note 5)
Output-to-Output Variation
Data to Output Path
tPS
Maximum Skew
525
525
525
ps
PLCC Only
(Note 5)
Pin (Signal) Transition Variation
Data to Output Path


Similar Part No. - 100391

ManufacturerPart #DatasheetDescription
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results

Similar Description - 100391

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350_06 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10H350 ONSEMI-MC10H350 Datasheet
106Kb / 4P
   PECL* to TTL Translator(5 Vdc Power Supply Only)
1996 REV 6
MC10H350 ONSEMI-MC10H350_06 Datasheet
156Kb / 7P
   PECL* to TTL Translator (5 Vdc Power Supply Only)
February, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com