Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

100397PC Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # 100397PC
Description  Quad Differential ECL/TTL Translating Transceiver with Latch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

100397PC Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button 100397PC Datasheet HTML 5Page - Fairchild Semiconductor 100397PC Datasheet HTML 6Page - Fairchild Semiconductor 100397PC Datasheet HTML 7Page - Fairchild Semiconductor 100397PC Datasheet HTML 8Page - Fairchild Semiconductor 100397PC Datasheet HTML 9Page - Fairchild Semiconductor 100397PC Datasheet HTML 10Page - Fairchild Semiconductor 100397PC Datasheet HTML 11Page - Fairchild Semiconductor 100397PC Datasheet HTML 12Page - Fairchild Semiconductor 100397PC Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.fairchildsemi.com
10
Test Circuitry (ECL-to-TTL)
Notes:
Rt = 50Ω termination. When an input or output is being monitored by a scope, Rt is supplied by the scope’s 50Ω resistance. When an input or output is not
being monitored, and external 50
Ω resistance must be applied to serve as R
t.
The TTL 3-STATE pull up switch is connected to
+7V only for ZL and LZ tests.
TTL and ECL force signals are brought to the DUT via 50
Ω coax lines.
VTTL is decoupled to ground with 0.1 µF to ground, VEE is decoupled to ground with 0.01 µF and GND is connected to ground.
FIGURE 3. ECL-to-TTL AC Test Circuit
Note:
DIR is LOW, and OE is HIGH
FIGURE 4. ECL-to-TTL Transition—Propagation Delay and Transition Times


Similar Part No. - 100397PC

ManufacturerPart #DatasheetDescription
logo
Heyco.
10039 HEYCO-10039 Datasheet
111Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
Fairchild Semiconductor
100390 FAIRCHILD-100390 Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390PC FAIRCHILD-100390PC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QC FAIRCHILD-100390QC Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
100390QI FAIRCHILD-100390QI Datasheet
96Kb / 8P
   Low Power Single Supply Hex PECL-to-TTL Translator
More results

Similar Description - 100397PC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
100398 FAIRCHILD-100398 Datasheet
117Kb / 13P
   Quad Differential ECL/TTL Translating Transceiver with Latch
logo
ON Semiconductor
MC10H424 ONSEMI-MC10H424_06 Datasheet
134Kb / 5P
   Quad TTL to ECL Translator with ECL Strobe
August, 2006 ??Rev. 10
MC10H424 ONSEMI-MC10H424 Datasheet
102Kb / 4P
   Quad TTL-to-ECL Translator with ECL Strobe
1996 REV 5
MC10H424 ONSEMI-MC10H424_00 Datasheet
117Kb / 4P
   Quad TTL to ECL Translator with ECL Strobe
March, 2000 ??Rev. 6
MC10H681 ONSEMI-MC10H681 Datasheet
112Kb / 7P
   Hex ECL/TTL Transceiver with Latches
1996 REV 2
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC10ELT25 ONSEMI-MC10ELT25 Datasheet
66Kb / 4P
   Differential ECL to TTL Translator
February, 2000 ??Rev. 3
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com