Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3120V Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD3120V
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120V Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD3120V Datasheet HTML 4Page - Fairchild Semiconductor FOD3120V Datasheet HTML 5Page - Fairchild Semiconductor FOD3120V Datasheet HTML 6Page - Fairchild Semiconductor FOD3120V Datasheet HTML 7Page - Fairchild Semiconductor FOD3120V Datasheet HTML 8Page - Fairchild Semiconductor FOD3120V Datasheet HTML 9Page - Fairchild Semiconductor FOD3120V Datasheet HTML 10Page - Fairchild Semiconductor FOD3120V Datasheet HTML 11Page - Fairchild Semiconductor FOD3120V Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
8
Typical Performance Curves (Continued)
T
A -AMBI ENT TEMPEATURE (° C)
-40
-20
0
20
4060
80
100
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
V
CC =30 V
V
EE =0V
I
F =0m A (fo r ICCL)
I
F =10 mA (fo r ICCH)
I
CCH
I
CCL
V- SUPPLY VOLTAGE (V)
15
20
25
30
2.0
2.4
2.8
3.2
3.6
I
F =10 mA (fo r ICCH)
I
F =0m A (fo r ICCL)
V
EE =0 , TA =25 °C
I
CCH
I
CCL
V
CC –SUPPLY VOLTAGE (V)
15
18
21
24
2 7
30
100
150
200
250
300
350
400
t
PLH
tPHL
I
F = 10m A
T
A =25 °C
Rg = 1 0
Ω,Cg = 10nF
DUTY CYCLE = 50%
f= 10 kHz
T
A –AMBIENT TEMPERATURE (°C)
-4 0
-20
0
2 0
406080
100
0
1
2
3
4
5
f= 10 0 Hz
DUTY CYCLE = 99.5 %
I
F =7 t o 16m A
R
g =10Ω to VCC
V
CC = 15V
V
CC = 30V
T
A -AMBIENT TE MPERATURE (°C)
-40
-20
0
20
406080
100
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
CC = 15V to 30V
V
EE =0V
Output = Open
T– AMBIENT TEMPERATURE (
°C)
-40
-20020
40
6080
100
0
2
4
6
8
f= 200Hz
DUTY CYCLE= 99.8%
I
F =7 to 16mA
R
g =5Ω to VCC
V
CC
=15V
V
CC =30V
Fig. 7 Output Low Current vs. Ambient Temperature
Fig. 8 Output Low Current vs. Ambient Temperature
Fig. 9 Supply Current vs. Ambient Temperature
Fig. 10 Supply Current vs. Supply Voltage
Fig. 11 Low to High Input Current Threshold vs.
Ambient Temperature
Fig. 12 Propagation Delay vs. Supply Voltage


Similar Part No. - FOD3120V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120V ONSEMI-FOD3120V Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com