Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOD3120V Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FOD3120V
Description  High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3120V Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FOD3120V Datasheet HTML 1Page - Fairchild Semiconductor FOD3120V Datasheet HTML 2Page - Fairchild Semiconductor FOD3120V Datasheet HTML 3Page - Fairchild Semiconductor FOD3120V Datasheet HTML 4Page - Fairchild Semiconductor FOD3120V Datasheet HTML 5Page - Fairchild Semiconductor FOD3120V Datasheet HTML 6Page - Fairchild Semiconductor FOD3120V Datasheet HTML 7Page - Fairchild Semiconductor FOD3120V Datasheet HTML 8Page - Fairchild Semiconductor FOD3120V Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
©2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD3120 Rev. 1.17.0
2
Truth Table
Pin Definitions
LED
VCC –VEE “Positive Going”
(Turn-on)
VCC –VEE “Negative Going”
(Turn-off)
VO
Off
0V to 30V
0V to 30V
Low
On
0V to 11.5V
0V to 10V
Low
On
11.5V to 13.5V
10V to 12V
Transition
On
13.5V to 30V
12V to 30V
High
Pin #
Name
Description
1NC
Not Connected
2
Anode
LED Anode
3
Cathode
LED Cathode
4NC
Not Connected
5VEE
Negative Supply Voltage
6VO2
Output Voltage 2 (internally connected to VO1)
7VO1
Output Voltage 1
8VCC
Positive Supply Voltage


Similar Part No. - FOD3120V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FOD3120V ONSEMI-FOD3120V Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
More results

Similar Description - FOD3120V

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD8320 FAIRCHILD-FOD8320 Datasheet
2Mb / 19P
   High Noise Immunity, 2.5A Output Current, Gate Drive Optocoupler
FOD3150 FAIRCHILD-FOD3150 Datasheet
714Kb / 19P
   High Noise Immunity, 1.0A Output Current, Gate Drive Optocoupler
logo
ON Semiconductor
FOD3120 ONSEMI-FOD3120 Datasheet
468Kb / 19P
   Gate Drive Optocoupler, High Noise Immunity, 2.5 A Output Current
August, 2021 - Rev. 3
FOD3150 ONSEMI-FOD3150 Datasheet
437Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
May, 2020 ??Rev. 4
FOD3150 ONSEMI-FOD3150_V01 Datasheet
504Kb / 18P
   Gate Drive Optocoupler, High Noise Immunity, 1.0 A Output Current
January, 2021 - Rev. 5
logo
COSMO Electronics Corp...
KP1510S COSMO-KP1510S Datasheet
186Kb / 9P
   High Noise Immunity, 2.5A Output Current
logo
ISOCOM COMPONENTS
ICPL-3120 ISOCOM-ICPL-3120 Datasheet
652Kb / 18P
   2.5A Output Current, High CME Gate Drive Optocoupler
logo
Fairchild Semiconductor
FOD8316 FAIRCHILD-FOD8316 Datasheet
2Mb / 29P
   2.5A Output Current, IGBT Drive Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Fairchild Semiconductor
FODM8071 FAIRCHILD-FODM8071 Datasheet
363Kb / 13P
   3.3V/5V Logic Gate Output Optocoupler with High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com