Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL0600 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # HCPL0600
Description  The HCPL06XX optocouplers consist of an AlGaAS LED, optically coupled to a very high speed integrated photo-detector logic gate with a strobable output (single channel devices).
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL0600 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  HCPL0600 Datasheet HTML 1Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 2Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 3Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 4Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 5Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 6Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 7Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 8Page - Fairchild Semiconductor HCPL0600 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
HCPL06XX Rev. 1.0.8
April 2009
HCPL0600, HCPL0601, HCPL0611,
HCPL0637, HCPL0638, HCPL0639
High Speed-10 MBit/s Logic Gate Optocouplers
Single Channel: HCPL0600, HCPL0601, HCPL0611
Dual Channel: HCPL0637, HCPL0638, HCPL0639
Features
Compact SO8 package
Very high speed-10 MBit/s
Superior CMR
Logic gate output
Strobable output (single channel devices)
Wired OR-open collector
U.L. recognized (File # E90700)
IEC60747-5-2 approved (VDE option)
– HCPL0600, HCPL0601, HCPL0611 only
Applications
Ground loop elimination
LSTTL to TTL, LSTTL or 5-volt CMOS
Line receiver, data transmission
Data multiplexing
Switching power supplies
Pulse transformer replacement
Computer-peripheral interface
Description
The HCPL06XX optocouplers consist of an AlGaAS
LED, optically coupled to a very high speed integrated
photo-detector logic gate with a strobable output (single
channel devices). The devices are housed in a compact
small-outline package. This output features an open col-
lector,
thereby
permitting
wired
OR
outputs. The
HCPL0600, HCPL0601 and HCPL0611 output consists
of bipolar transistors on a bipolar process while the
HCPL0637, HCPL0638, and HCPL0639 output consists
of bipolar transistors on a CMOS process for reduced
power consumption. The coupled parameters are guar-
anteed over the temperature range of -40°C to +85°C.
An internal noise shield provides superior common
mode rejection.
Package Dimensions
Lead Coplanarity : 0.004 (0.10) MAX
0.202 (5.13)
Pin 1
0.019 (0.48)
0.182 (4.63)
0.021 (0.53)
0.011 (0.28)
0.050 (1.27)
TYP
0.244 (6.19)
0.224 (5.69)
0.143 (3.63)
0.123 (3.13)
0.008 (0.20)
0.003 (0.08)
0.010 (0.25)
0.006 (0.16)
0.164 (4.16)
0.144 (3.66)
Note:
All dimensions are in inches (millimeters)


Similar Part No. - HCPL0600

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
616Kb / 12P
   HIGH SPEED-10 MBit/s LOGIC GATE OPTOCOUPLERS
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
288Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
710Kb / 17P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
HCPL0600 FAIRCHILD-HCPL0600 Datasheet
3Mb / 18P
   High Speed-10 MBit/s Logic Gate Optocouplers
More results

Similar Description - HCPL0600

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD0708 FAIRCHILD-FOD0708 Datasheet
545Kb / 11P
   Optocouplers consist of an AlGaAs LED optically coupled to a high speed trans-impedance amplifier and voltage comparator
logo
List of Unclassifed Man...
ICPL2611 ETC-ICPL2611 Datasheet
78Kb / 4P
   HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
ICPL2631 ETC-ICPL2631 Datasheet
68Kb / 4P
   DUAL CHANNEL, HIGH CMR, VERY HIGH SPEED OPTICALLY COUPLED ISOLATOR LOGIC GATE OUTPUT
logo
Opto Electronics Co,. L...
6N137 E-OEC-6N137 Datasheet
284Kb / 6P
   VERY HIGH-SPEED LOGIC GATE OPTOCOUPLERS
logo
Fairchild Semiconductor
MOC3063M FAIRCHILD-MOC3063M Datasheet
278Kb / 11P
   The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
logo
Toshiba Semiconductor
TLP595G TOSHIBA-TLP595G Datasheet
318Kb / 8P
   The Toshiba TLP595G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET
logo
OPTEK Technologies
OPI8137 OPTEK-OPI8137 Datasheet
174Kb / 4P
   Optically Coupled Logic gate
logo
Broadcom Corporation.
HCPL-540X BOARDCOM-HCPL-540X Datasheet
1Mb / 16P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-540X HP-HCPL-540X Datasheet
246Kb / 12P
   Hermetically Sealed, Very High Speed, Logic Gate Optocouplers
logo
Toshiba Semiconductor
TLP4592G TOSHIBA-TLP4592G Datasheet
217Kb / 6P
   The Toshiba TLP4592G consists of an aluminum gallium arsenide infrared emitting diode optically coupled to a photo-MOSFET in a DIP package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com