Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOC3163M Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MOC3163M
Description  The MOC306XM and MOC316XM devices consist of a GaAs infrared emitting diode optically coupled to a monolithic silicon detector performing the function of a zero voltage crossing bilateral triac driver.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MOC3163M Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MOC3163M Datasheet HTML 1Page - Fairchild Semiconductor MOC3163M Datasheet HTML 2Page - Fairchild Semiconductor MOC3163M Datasheet HTML 3Page - Fairchild Semiconductor MOC3163M Datasheet HTML 4Page - Fairchild Semiconductor MOC3163M Datasheet HTML 5Page - Fairchild Semiconductor MOC3163M Datasheet HTML 6Page - Fairchild Semiconductor MOC3163M Datasheet HTML 7Page - Fairchild Semiconductor MOC3163M Datasheet HTML 8Page - Fairchild Semiconductor MOC3163M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MOC306XM, MOC316XM Rev. 1.0.4
4
Safety and Insulation Ratings
As per IEC 60747-5-2, this optocoupler is suitable for “safe electrical insulation” only within the safety limit data.
Compliance with the safety ratings shall be ensured by means of protective circuits.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Installation Classifications per DIN VDE 0110/1.89
Table 1
For Rated Main Voltage < 150Vrms
I-IV
For Rated Main voltage < 300Vrms
I-IV
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
CTI
Comparative Tracking Index
175
VPR
Input to Output Test Voltage, Method b,
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial Discharge < 5pC
1594
Vpeak
Input to Output Test Voltage, Method a,
VIORM x 1.5 = VPR, Type and Sample Test
with tm = 60 sec, Partial Discharge < 5pC
1275
Vpeak
VIORM
Max. Working Insulation Voltage
850
Vpeak
VIOTM
Highest Allowable Over Voltage
6000
Vpeak
External Creepage
7
mm
External Clearance
7
mm
Insulation Thickness
0.5
mm
RIO
Insulation Resistance at Ts, VIO = 500V
109


Similar Part No. - MOC3163M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MOC3163M ONSEMI-MOC3163M Datasheet
402Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
May, 2021 ??Rev. 2
MOC3163M ONSEMI-MOC3163M Datasheet
274Kb / 12P
   6-Pin DIP Zero-Cross Triac Driver Optocoupler (600 Volt Peak)
September, 2022 - Rev. 3
More results

Similar Description - MOC3163M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
H11J1X ETC-H11J1X Datasheet
52Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3009X ISOCOM-MOC3009X Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS6003 ETC-IS6003 Datasheet
54Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
IS6005X ISOCOM-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS607 ETC-IS607 Datasheet
58Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
ISOCOM COMPONENTS
MOC3020X ISOCOM-MOC3020X Datasheet
67Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
Panasonic Semiconductor
IS6005X PANASONIC-IS6005X Datasheet
75Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
logo
List of Unclassifed Man...
IS3021 ETC-IS3021 Datasheet
44Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH NON-ZERO CROSSING TRIAC
MOC3031 ETC-MOC3031 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
IS620 ETC-IS620 Datasheet
37Kb / 3P
   OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com