Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94345-MYCS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC94345-MYCS
Description  500mA LDO with Ripple Blocker??Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94345-MYCS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC94345-MYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 6Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 9Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 10Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 11Page - Micrel Semiconductor MIC94345-MYCS Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Micrel, Inc.
MIC94325/45/55
October 2012
8
M9999-102512-A
Typical Characteristics (Continued)
Output Voltage
vs. Output Current
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
VIN = 2.8V
CIN = COUT = 4.7µF
Ground Current
vs. Output Current
150
155
160
165
170
175
180
185
190
195
200
0
50 100 150 200 250 300 350 400 450 500
OUTPUT CURRENT (mA)
MIC94355YMT
Output Noise Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000 10,000 100,00
0
1,000,0
00
10,000,
000
FREQUENCY (Hz)
VIN = VEN = 3V
COUT = 4.7µF/10V
1K
10K
100K
1M
10M
10
100
MIC94355 PSRR
COUT = 10µF
-120
-100
-80
-60
-40
-20
0
10
100
1,000 10,000 100,00
0
1,000,0
00
10,000,
000
FREQUENCY (Hz)
VIN = 3.6V + 40mVpp
VOUT = 1.8V
COUT = 10µF
100mA
1K
10K
100K
1M
10M
10
100
10mA
200mA
Dropout Voltage
vs. Load
0
10
20
30
40
50
60
70
80
90
100
0
50 100 150 200 250 300 350 400 450 500
LOAD (mA)
VOUT = 1.8V
CIN = COUT = 4.7µF
Ground Current
vs. Input Voltage
120
130
140
150
160
170
180
190
200
210
220
1.8
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
INPUT VOLTAGE (V)
500mA
50mA
CIN = COUT = 1µF
300mA
100mA


Similar Part No. - MIC94345-MYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94345-MYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
logo
Maxim Integrated Produc...
MAX1857 MAXIM-MAX1857 Datasheet
245Kb / 10P
   500mA, Low-Dropout, Ripple-Rejecting LDO in MAX
Rev 0; 1/01
logo
Mitsumi Electronics, Co...
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com