Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC94355-SYCS Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC94355-SYCS
Description  500mA LDO with Ripple Blocker??Technology
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC94355-SYCS Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC94355-SYCS Datasheet HTML 1Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 2Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 3Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 4Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 5Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 6Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 7Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 8Page - Micrel Semiconductor MIC94355-SYCS Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MIC94325/45/55
500mA LDO with
Ripple Blocker
 Technology
Ripple Blocker is a trademark of Micrel, Inc
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC943x5 Ripple Blocker
 is a monolithic integrated
circuit that provides low-frequency ripple attenuation
(switching noise rejection) to a regulated output voltage.
This is important for applications where a DC/DC switching
converter is required to lower or raise a battery voltage but
where switching noise cannot be tolerated by sensitive
downstream circuits such as in RF applications. The
MIC943x5 maintains high power supply ripple rejection
(PSRR) with input voltages operating near the output
voltage level to improve overall system efficiency. A low-
voltage logic enable pin facilitates ON/OFF control at
typical GPIO voltage levels.
The MIC943x5 operates from an input voltage of 1.8V to
3.6V. The MIC943x5 options include fixed (MIC94345/55)
or adjustable (MIC94325) output voltages. The MIC94355
version offers an auto-discharge to discharge the output
capacitor when the part is disabled.
Packaged in a 0.84mm x 1.32mm 6-ball CSP or a 6-pin
1.6mm x 1.6mm Thin DFN, the MIC943x5 has a junction
operating temperature range of –40
C to +125C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
 1.8V to 3.6V input voltage range
 Active noise rejection over a wide frequency band
>50dB from 10Hz to 5MHz at 500mA load
 Rated to 500mA output current
 Fixed and adjustable output voltages
 Optional output auto-discharge when disabled
 Current-limit and thermal-limit protected
 Ultra-small 0.84mm x 1.32mm 6-ball CSP
 1.6mm x 1.6mm, 6-pin Thin DFN
 Logic-controlled enable pin
 40C to +125C junction temperature range
Applications
 Smart phones
 Tablet PC/notebooks and webcams
 Digital still and video cameras
 Global positioning systems
 Mobile computing
 Automotive and industrial applications
_________________________________________________________________________________________________
Typical Application
October 2012
M9999-102512-A
MIC94355 PSRR
COUT = 4.7µF
-120
-100
-80
-60
-40
-20
0
10
100
1,000 10,000 100,00
0
1,000,0
00
10,000,
000
FREQUENCY (Hz)
VIN = 2.8V + 40mVpp
VOUT = 1.8V
COUT = 4.7µF
10
100
1K
10K
100K
1M
10M
10mA
200mA
500mA


Similar Part No. - MIC94355-SYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YCS MICREL-MIC94300YCS Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
MIC94300YMT MICREL-MIC94300YMT Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
More results

Similar Description - MIC94355-SYCS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC94305 MICREL-MIC94305 Datasheet
442Kb / 13P
   500mA Switch with Ripple Blocker??Technology
MIC94310_EB MICREL-MIC94310_EB Datasheet
464Kb / 6P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310_14 Datasheet
958Kb / 15P
   200mA LDO with Ripple Blocker??Technology
MIC94310-GYMT-TR MICREL-MIC94310-GYMT-TR Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
MIC94310 MICREL-MIC94310 Datasheet
1Mb / 13P
   200mA LDO with Ripple Blocker??Technology
logo
Microchip Technology
MIC94310 MICROCHIP-MIC94310 Datasheet
2Mb / 22P
   200 mA LDO with Ripple Blocker™ Technology
Revision B September 2020
logo
Micrel Semiconductor
MIC94300_EB MICREL-MIC94300_EB Datasheet
253Kb / 6P
   200mA Switch with Ripple Blocker??Technology
MIC94300 MICREL-MIC94300 Datasheet
518Kb / 13P
   200mA Switch with Ripple Blocker??Technology
logo
Maxim Integrated Produc...
MAX1857 MAXIM-MAX1857 Datasheet
245Kb / 10P
   500mA, Low-Dropout, Ripple-Rejecting LDO in MAX
Rev 0; 1/01
logo
Mitsumi Electronics, Co...
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com